전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 6AB-R

  • AI
    The **6AB-R** is a specific model of a **Mini-DisplayPort to HDMI adapter/cable**, commonly associated with brands like BizLink or HP. It is an electronic interface device used to bridge video signals between different hardware standards. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Connector** | Mini-DisplayPort (Male) | | **Output Connector** | HDMI (Female or Male, depending on variant) | | **Interface Standard** | DisplayPort 1.1a / 1.2 | | **Maximum Resolution** | 1920 x 1200 (WUXGA) / 1080p | | **Audio Support** | High Definition Audio (multi-channel) | | **Power Source** | Bus-powered (no external power required) | --- ### 2. Internal Electronic Components The 6AB-R is an **active** or **semi-active** converter. Unlike a simple wire-to-wire cable, it requires integrated circuits to translate signals. #### A. Level Shifter IC The core component is a level shifter chip (often from manufacturers like *Parade Technologies* or *NXP*). * **Function:** DisplayPort uses low-voltage AC-coupled differential signaling, while HDMI uses TMDS (Transition Minimized Differential Signaling) at 5V levels. The IC converts these voltage levels and timing logic. #### B. EEPROM (EDID Storage) * **Function:** A small memory chip stores the **Extended Display Identification Data (EDID)**. This allows the computer (source) to communicate with the monitor (sink) to determine compatible resolutions and refresh rates. #### C. PCB Design * **Shielding:** To prevent Electromagnetic Interference (EMI), the internal PCB is usually wrapped in a metal foil or encased in a tinned-steel shell. * **Passive Components:** Surface-mount resistors and capacitors are used for impedance matching and noise filtering to ensure signal integrity over the cable length. --- ### 3. Connection Pinout Logic The device maps the 20-pin Mini-DisplayPort layout to the 19-pin HDMI layout as follows: 1. **Main Link:** Converts the 4 lanes of DP data into the 3 TMDS data channels plus a clock channel for HDMI. 2. **AUX Channel to DDC:** The DisplayPort Auxiliary channel is converted to the HDMI I2C-based Display Data Channel (DDC). 3. **Hot Plug Detect:** Managed by the internal IC to signal the computer when a monitor is plugged in. --- ### 4. Common Use Cases * **Laptops:** Connecting older MacBooks, Microsoft Surface Pro units, or business-class HP/Dell laptops to standard HDMI monitors/TVs. * **Projectors:** Interfacing mobile workstations with conference room projection systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active and a passive DisplayPort adapter?
    • ⤷ Does the 6AB-R support 4K resolution at 60Hz?
    • ⤷ Why would my 6AB-R adapter fail to transmit audio to the monitor?