전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 6CB-R

  • AI
    The **6CB-R** typically refers to a specific sub-series of high-current, high-efficiency power inductors or power modules often used in automotive and industrial electronics. While "6CB" can sometimes appear in manufacturer-specific numbering for vacuum tubes (older tech), in modern electronics, it is most commonly associated with **SMD (Surface Mount Device) Power Inductors**. --- ### 1. Technical Specifications Overview These components are designed to handle high DC currents and provide stable inductance under varying thermal conditions. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | SMD / SMT (Surface Mount) | | **Core Material** | Ferrite or Metal Alloy | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Shielding** | Magnetically Shielded (to reduce EMI) | --- ### 2. Key Internal Parts and Construction The 6CB-R series is built to minimize power loss and electromagnetic interference (EMI). * **Winding:** Usually made of heavy-duty copper wire to minimize DC resistance (DCR). * **Magnetic Core:** A ferrite drum core or a composite metal powder core that provides high saturation current ($I_{sat}$). * **Shielding Case:** A magnetic shield surrounds the coil to prevent the magnetic field from interfering with nearby sensitive components (like sensors or CPUs). * **Termination:** Tin-plated copper leads for reliable soldering onto PCBs. --- ### 3. Common Applications Due to their "R" (RoHS compliant / Low Resistance) designation and robust build, they are found in: 1. **DC-DC Converters:** Used as energy storage elements in buck or boost regulators. 2. **Automotive ECU:** Powering Engine Control Units where heat and vibration resistance are critical. 3. **LED Drivers:** Providing constant current for high-brightness lighting systems. 4. **Laptops/Tablets:** Voltage Regulator Modules (VRM) for high-performance processors. --- ### 4. Part Number Breakdown (Example) While specific manufacturers (like Sumida or TDK) have slight variations, the code usually follows this logic: | Segment | Meaning | | :--- | :--- | | **6** | Usually refers to the physical size (e.g., 6mm class). | | **CB** | The series designator (Shielded, Square/Low Profile). | | **-R** | Indicates "RoHS Compliant" or "Reel" packaging. | --- ### 5. Schematic Representation In a circuit diagram, the 6CB-R is represented as an inductor: ```text L1 (6CB-R) ----(UUUUU)---- Inductor ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for a standard 6CB-R inductor?
    • ⤷ How does magnetic shielding in the 6CB-R help reduce EMI?
    • ⤷ Are there specific brands that manufacture the 6CB-R series?