6TDK-R
AI

The **TDK-R** series typically refers to TDK’s specialized line of **High-Voltage Ceramic Capacitors** (often specifically the door-knob or ultra-high voltage leaded types) or specific **Ferrite Core** materials used in power conversion.
However, in the context of general electronic components, TDK is most famous for its passive components. Below is a breakdown of the core electronic parts associated with TDK's high-reliability "R" series or general product architecture.
---
### 1. Key Component Categories (TDK-R Focus)
TDK utilizes the "R" suffix or series designation primarily to denote **Resin-coated**, **Radial-leaded**, or **High Reliability** (Automotive grade) components.
| Component Type | Series Example | Primary Function |
| :--- | :--- | :--- |
| **Multilayer Ceramic Capacitors (MLCC)** | CGA / R-Series | Energy storage, filtering, and decoupling in circuits. |
| **Ferrite Cores** | PC44 / R-Type | Used in transformers and inductors to concentrate magnetic flux. |
| **NTC Thermistors** | NTCG / B57 | Temperature sensing and inrush current limiting. |
| **High Voltage Capacitors** | UHV / FD-R | High-voltage pulse power and power distribution. |
---
### 2. Technical Specifications of TDK Ceramic Parts
When dealing with TDK capacitors (like the R-series/Radial types), the following specifications are critical:
* **Capacitance Range:** Usually 1pF to 100µF.
* **Voltage Rating:** From 6.3V up to several kilovolts (kV) for industrial "R" types.
* **Temperature Coefficient:**
* **C0G/NP0:** High stability (no change with temp).
* **X7R/X8R:** High capacitance density with predictable changes over temperature.
* **AEC-Q200 Compliance:** Many TDK-R components are automotive-grade, meaning they withstand higher vibration and thermal shock.
---
### 3. Core Material Technology
TDK (Tokyo Denkikagaku Kogyo) started as a magnetic materials company. Their "R" series ferrite materials are engineered for specific frequency ranges:
```cpp
// Example of Material Properties for TDK Power Ferrites
struct FerriteProperties {
string Material = "PC47"; // Common power material
float Initial_Permeability = 2500;
float Saturation_Flux_Density = 530; // mT (at 25°C)
float Curie_Temperature = 250; // Celsius
};
```
---
### 4. Application Areas
* **Automotive:** Engine control units (ECU), ADAS sensors, and EV battery management.
* **Power Supplies:** Switched-mode power supplies (SMPS) using TDK ferrite cores and snubbing capacitors.
* **Industrial:** High-voltage power grids and heavy machinery sensors.
---
- ⤷
Are you looking for the datasheet for a specific TDK-R part number?
- ⤷ Would you like a comparison between TDK's R-series and other brands like Murata?
- ⤷ Do you need help calculating the power loss for TDK ferrite cores?