7-05-R5
AI

The **7-05-R5** typically refers to a specific series or revision of an **AC/DC Power Module** (often manufactured by companies like Recom or similar industrial electronics suppliers) or a specific **fuse/connector component** depending on the application.
Based on common industrial specifications for this part number, here is the breakdown of its electronic characteristics:
### 1. General Specifications
The "7-05-R5" designation usually breaks down into specific technical ratings:
| Feature | Typical Specification |
| :--- | :--- |
| **Output Voltage** | 5V DC |
| **Current Rating** | 0.5A to 1.5A (depending on manufacturer) |
| **Mounting Type** | PCB Mount (Through-hole) |
| **Isolation Voltage** | 3kVAC to 4kVAC |
| **Form Factor** | Compact, often SIP (Single In-line Package) |
---
### 2. Key Electronic Components Inside
If this is a power conversion module (like the Recom RAC series or similar), it contains several critical electronic sub-parts:
1. **Input Rectifier:** A diode bridge that converts the incoming AC line voltage to high-voltage DC.
2. **Switching Transistor (MOSFET):** Acts as a high-frequency switch to chop the DC voltage into a square wave for the transformer.
3. **High-Frequency Transformer:** Provides galvanic isolation between the mains AC side and the low-voltage DC side.
4. **Feedback Optoisolator:** A component that sends a signal from the output side back to the input controller to maintain a steady 5V, ensuring safety through light-based communication.
5. **Output Filter (Electrolytic Capacitors):** Smooths the rectified DC to provide a clean, low-ripple 5V output.
---
### 3. Connection Pinout
Standard 5V power modules with this nomenclature usually follow a simplified 4 or 5-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **VAC (N)** | Neutral AC Input |
| 2 | **VAC (L)** | Line AC Input |
| 3 | **-Vout** | Negative DC Output (Ground) |
| 4 | **+Vout** | Positive 5V DC Output |
---
### 4. Applications
These parts are commonly found in:
* **IoT Devices:** Powering microcontrollers (ESP32, Arduino) directly from a wall outlet.
* **Industrial Sensors:** Providing a stable 5V rail for logic circuits.
* **Smart Home Switches:** Fitting inside small wall boxes due to the compact "R5" (Reduced) footprint.
---
- ⤷
Is the 7-05-R5 you are referring to a Recom power module or a different brand?
- ⤷ Do you need the specific pin dimensions for a PCB layout?
- ⤷ What is the input voltage range (e.g.
- ⤷ 90-264VAC) required for your project?