전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 701269-RVLL-MB

  • AI
    The part number **701269-RVLL-MB** typically refers to a specific **Motherboard/Main Board** used in consumer electronics, most notably in specific TV models (such as those from Polaroid, Westinghouse, or Element). Below is a breakdown of the electronic components and technical specifications associated with this specific board. --- ### 1. Board Specifications This board functions as the central nervous system of the device, integrating the video processor, input/output controllers, and power management interfaces. | Feature | Description | | :--- | :--- | | **Component Type** | Main Logic Board (MB) | | **Primary Chipset** | Often features a MediaTek or Mstar SoC (System on Chip) | | **Resolution Support** | Typically HD (720p) or Full HD (1080p) depending on firmware | | **Connectivity** | HDMI, VGA, USB, RF (Antenna), and AV Inputs | | **Audio Output** | Integrated Class-D Audio Amplifier for internal speakers | --- ### 2. Key Electronic Sections The board is divided into several functional blocks: #### A. Power Management Unit (PMU) * **Voltage Regulators:** Converts the incoming 12V or 24V from the Power Supply Unit (PSU) into lower voltages like **5V, 3.3V, 1.8V, and 1.1V** required by the CPU and RAM. * **Capacitors:** Electrolytic and SMD ceramic capacitors used for filtering noise and stabilizing power rails. #### B. Input/Output (I/O) Interfaces * **HDMI Ports:** High-definition video and audio input. * **LVDS Connector:** The multi-pin header that sends the processed image data to the T-CON board or directly to the LCD panel. * **Tuner:** The metal-shielded component used to decode over-the-air RF signals. #### C. Memory and Processing * **EEPROM/Flash Memory:** Stores the firmware (OS) and user settings. * **DDR RAM:** Dedicated memory chips located near the main processor for real-time video buffering. --- ### 3. Common Failure Points If you are troubleshooting this specific board, these components are usually the culprits: 1. **Corrupted Firmware:** The SPI Flash chip (EEPROM) may fail, leading to a "Stuck on Logo" or "No Power" state. 2. **Blown Voltage Regulators:** Shorted SMD transistors or LDO regulators that prevent the board from booting. 3. **Heat Damage:** The main BGA processor can overheat if the heat sink (if present) becomes detached or if the TV is poorly ventilated. --- ### 4. Technical Pinout Awareness > **Warning:** When replacing or testing this board, ensure the **Suffix (RVLL-MB)** matches exactly. Variations in the suffix can indicate different LVDS pinouts, which can physically damage the LCD panel if the voltage rails (VCC) are on different pins.
    ✨ Follow-up Questions
    • ⤷ What are the common symptoms of a failing 701269-RVLL-MB board?
    • ⤷ How can I update or flash the firmware on this specific motherboard?
    • ⤷ What specific TV models are compatible with this part number?