전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7101L3CWCQE

  • AI
    The **7101L3CWCQE** is a specific part number for a miniature toggle switch manufactured by **C&K** (now part of Littelfuse). It belongs to the 7000 Series, which is industry-standard for versatile, high-quality switching applications. --- ## 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Circuit** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON-NONE-ON | | **Current Rating** | 5A @ 120 VAC / 2A @ 250 VAC / 5A @ 28 VDC | | **Contact Plating** | Silver (Q-series contact material) | | **Actuator Style** | L3 (3-piece large handle/lever) | | **Bushing Type** | CW (Splashproof, threaded, 0.250" diameter) | | **Termination** | C (PC Pin, thru-hole) | | **Operating Temp** | -30°C to +85°C | --- ## 2. Part Number Breakdown (Nomenclature) To understand this electronic part, we can deconstruct the code: ### **7101** (Model Number) * **7**: 7000 Series Miniature Toggle Switch. * **101**: SPDT function with an ON-NONE-ON state (two positions, no center "off"). ### **L3** (Actuator) * Refers to the physical lever style. The "L3" is a standard large lever, typically made of chrome-plated brass. ### **CW** (Bushing) * Indicates a **Splashproof** bushing design. It includes an internal O-ring seal to protect the internals from moisture and dust, making it suitable for panel mounting in harsh environments. ### **C** (Terminations) * Stands for **PC Pin**. This means the switch is designed to be soldered directly onto a Printed Circuit Board (PCB) rather than using wire leads. ### **Q** (Contact Material) * **Silver**. This is the standard for power switching. Silver contacts provide low resistance and high current capability but are prone to oxidation if used for very low-power (logic level) signals. ### **E** (Seal) * Indicates an **Epoxy Seal** at the base of the terminals. This prevents solder flux or contaminants from entering the switch housing during the manufacturing process. --- ## 3. Common Applications Due to its rugged construction and splashproof rating, this switch is commonly found in: * **Industrial Control Panels**: Used for mode selection or power toggling. * **Telecommunications Equipment**: Signal routing. * **Medical Instrumentation**: High-reliability interface switches. * **Test & Measurement Gear**: Rugged user-input controls.
    ✨ Follow-up Questions
    • What is the difference between silver (Q) and gold (B) contact materials for this switch?
    • Can this switch be used for an 'On-Off-On' configuration?
    • What is the mounting hole diameter required for the CW bushing?