전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7130LA55CB

  • AI
    The **7130LA55CB** is a high-performance, asynchronous Dual-Port Static RAM (SRAM) manufactured by Renesas (formerly Integrated Device Technology - IDT). This specific part is designed for applications requiring simultaneous access to a common memory space by two independent buses. --- ### 1. Key Technical Specifications | Parameter | Specification | |:--- |:--- | | **Memory Density** | 8 Kbit (1K x 8) | | **Access Time** | 55 ns (Nanoseconds) | | **Package Type** | Sidebraze Dual-In-Line Package (DIP) - 48 Pins | | **Operating Voltage** | 5.0V (±10%) | | **Power Consumption** | Low Power (LA Series) | | **Temperature Range** | Military Grade (-55°C to +125°C) | --- ### 2. Functional Description The 7130LA55CB acts as a bridge between two processors or systems. Because it has two independent ports (Left and Right), both sides can read from or write to any location in the memory at the same time, provided they are not accessing the exact same address simultaneously for a write operation. #### Main Components & Features: * **Dual-Port Architecture:** Permits independent access for two separate buses. * **Arbitration Logic:** Includes on-chip hardware to handle contention. If both ports try to access the same memory location, the device uses "Busy" logic to signal one port to wait. * **Interrupt Functionality:** Provides semaphore signaling between systems to coordinate tasks. * **CMOS Technology:** Provides high speed with significantly lower power consumption compared to older bipolar technologies. --- ### 3. Pinout Structure (General Categories) | Pin Group | Description | |:--- |:--- | | **A0 - A9 (L/R)** | Address Inputs for Left and Right ports. | | **I/O0 - I/O7 (L/R)** | Data Input/Output lines for both ports. | | **CE, OE, R/W (L/R)** | Control signals (Chip Enable, Output Enable, Read/Write). | | **BUSY (L/R)** | Hardware pins to indicate memory contention. | | **INT (L/R)** | Interrupt flags for communication between processors. | --- ### 4. Applications Due to its **"CB"** suffix (typically indicating a hermetic ceramic package and military-grade testing), this part is commonly found in: 1. **Aerospace & Defense:** Flight control systems and radar processing. 2. **Multiprocessor Systems:** Linking a DSP (Digital Signal Processor) to a standard CPU. 3. **Real-Time Data Buffering:** High-speed communication equipment where data must be shared instantly between two asynchronous clocks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 7130 'L' and 'LA' power classifications?
    • ⤷ How does the 'Busy' logic prevent data corruption in this Dual-Port RAM?
    • ⤷ What are the modern replacements for this legacy SRAM part?