전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7130LA55FB

  • AI
    The **7130LA55FB** is a high-performance, asynchronous Dual-Port Static RAM (SRAM) chip. It is designed to allow two independent systems (or processors) to access a shared memory space simultaneously without interference. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Density** | 8 Kbit (1K x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Technology** | CMOS (Low Power) | | **Package Type** | FP (Flatpack) / Ceramic Leadless Chip Carrier (CLCC) | | **Supply Voltage** | 5.0V ± 10% | | **Military Standard** | MIL-PRF-38535 (Class B) | --- ## 2. Pin and Port Functionality The 7130 architecture features two identical ports: **Left Port** and **Right Port**. Each port contains: * **Address Inputs ($A_0 - A_9$):** Decides which of the 1,024 bytes is being accessed. * **Data I/O ($DQ_0 - DQ_7$):** The 8-bit bidirectional data bus. * **Control Signals:** * **$\overline{CE}$ (Chip Enable):** Activates the specific port. * **$\overline{OE}$ (Output Enable):** Controls the data output buffers. * **$\text{R/}\overline{W}$ (Read/Write):** Determines the direction of data flow. --- ## 3. Conflict Resolution Hardware Because two processors might try to write to the same address at the exact same time, the 7130LA55FB includes built-in arbitration logic: ### Interrupt Logic ($\overline{INT}$) It acts as a mailbox system. If the Left port writes to a specific "mailbox" address, the Right port's interrupt pin is pulled low to signal that new data is available. ### Busy Logic ($\overline{BUSY}$) If both ports attempt to access the same memory location simultaneously, the internal hardware decides a "winner" based on which signal arrived first (by as little as nanoseconds). The "loser" receives a **$\overline{BUSY}$** signal, forcing the processor to wait until the memory is free. --- ## 4. Part Number Breakdown: 7130LA55FB Understanding the suffix codes is critical for replacement or engineering: * **7130:** Base part number (1K x 8 Dual-Port RAM). * **L / LA:** Low Power version. * **55:** Speed rating (55ns access time). * **F:** Ceramic Flatpack package (high reliability). * **B:** Compliant to MIL-STD-883, Class B (Military/Aerospace grade). --- ## 5. Applications * **Digital Signal Processing (DSP):** Passing data between a CPU and a DSP. * **Aerospace & Defense:** Used in flight computers where high reliability and radiation tolerance are required. * **Communication Buffers:** Bridging two different data buses with different clock speeds.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption difference between the 'LA' and standard versions?
    • ⤷How does the BUSY logic handle a tie-breaker situation exactly?
    • ⤷What are the modern alternatives if this specific ceramic package is obsolete?