전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7130LA55FGI8

  • AI
    The **7130LA55FGI8** is a high-speed, low-power **Dual-Port Static RAM (SRAM)**. This specific part is manufactured by Renesas Electronics (formerly Integrated Device Technology - IDT). Dual-port RAMs are unique because they allow two separate systems (CPUs or Controllers) to read and write to the same memory space simultaneously. --- ### 1. Part Number Breakdown Understanding the suffix and prefix helps identify the specific capabilities of this component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **7130** | Base Part Number | 1K x 8 High-Speed Dual-Port SRAM | | **LA** | Power Grade | Low Power version | | **55** | Speed | 55ns (Nanoseconds) Access Time | | **FG** | Package Type | FPBGA (Fine Pitch Ball Grid Array) | | **I** | Temperature Grade | Industrial Grade (-40°C to +85°C) | | **8** | Tape & Reel | Packaging method for automated assembly | --- ### 2. Key Technical Specifications The 7130 series is designed for asynchronous operation, meaning the two ports do not need to be synchronized to a single clock. * **Memory Capacity:** 8 Kbit (organized as 1,024 words x 8 bits). * **Access Time:** 55ns (this is the time it takes to retrieve data after an address is requested). * **Operating Voltage:** 5.0V (Standard TTL levels). * **Interface:** Parallel Asynchronous. * **Power Consumption:** * Active: ~180mW (Typical) * Standby: ~1mW (Typical) --- ### 3. Core Functional Features Dual-port RAMs include specialized logic to prevent data corruption when both sides try to talk at once: 1. **Independent Control:** It has two sets of Address, Data, and Control lines (Left Port and Right Port). 2. **Busy Logic:** It features hardware "Busy" pins that signal if one port is trying to access a memory location currently being written to by the other port. 3. **Interrupt Function:** It supports mailbox signaling, allowing one processor to send an interrupt signal to the other via specific memory addresses. 4. **Full Static Operation:** No clock or refreshing is required, making the timing logic simpler for the designer. --- ### 4. Typical Applications This chip is commonly found in systems where data must be shared between two processing units: * **Telecommunications:** Passing data between a line card and a control processor. * **Industrial Automation:** Interfacing a real-time motor controller with a general-purpose CPU. * **Medical Equipment:** Buffering data between high-speed sensors and a display unit. * **Aerospace:** Redundant systems where two processors need shared "scratchpad" memory. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between synchronous and asynchronous Dual-Port SRAM?
    • ⤷ How does the 'Busy' logic handle simultaneous write attempts to the same address?
    • ⤷ Are there modern 3.3V alternatives to the 7130LA55FGI8?