전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7130LA55P

  • AI
    The **7130LA55P** is a high-speed **1K x 8 Dual-Port Static RAM (SRAM)** integrated circuit. It is designed to allow two independent processors or buses to access the same memory space simultaneously without interference. --- ## 1. Core Technical Specifications The part number follows a specific nomenclature that defines its performance and physical characteristics. | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 8 Kbit (1,024 words x 8 bits) | | **Access Time** | 55 nanoseconds (ns) | | **Supply Voltage** | 5V ± 10% | | **Package Type** | 48-pin Plastic DIP (Dual Inline Package) | | **Power Class** | Low Power (LA) | | **Operating Temp** | 0°C to +70°C (Commercial Grade) | --- ## 2. Key Functional Blocks The 7130LA55P consists of several critical internal components that manage data flow: 1. **Dual-Port RAM Array:** The memory core where data is stored. It is "true" dual-port, meaning it has two sets of addresses, data lines, and controls. 2. **Independent Control Logic:** Each port (Left and Right) has its own: * **CE (Chip Enable):** Activates the port. * **OE (Output Enable):** Manages data output buffers. * **R/W (Read/Write):** Determines the direction of data flow. 3. **Interrupt Logic (INT):** Provides a signaling mechanism between the two ports. One side can write to a specific location to trigger an interrupt on the other side. 4. **Busy Logic (BUSY):** Prevents "write collisions" if both ports attempt to access the same memory address at the exact same time. --- ## 3. Pinout and Connectivity As a 48-pin DIP component, it is commonly used in breadboarding and through-hole PCB designs. * **A0L - A9L / A0R - A9R:** Address inputs for Left and Right ports. * **I/O0L - I/O7L / I/O0R - I/O7R:** Bi-directional data lines for each port. * **Vcc / GND:** Power supply pins. --- ## 4. Common Applications Due to its ability to act as a "buffer" between two different systems, it is frequently used in: * **Multiprocessor Systems:** Passing data between a CPU and a DSP (Digital Signal Processor). * **Communication Buffering:** Acting as a mailbox between two different bus architectures. * **Real-time Data Acquisition:** One port writes sensor data while the other port reads it for processing. --- ## 5. Equivalent/Substitute Parts If the 7130LA55P is unavailable, engineers often look for: * **IDT7130SA55P:** The "Standard Power" version (higher power consumption). * **IDT7130LA25P:** A faster version (25ns access time) which is backward compatible.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'SA' versions in the 7130 series?
    • ⤷ How does the 'Busy' logic handle simultaneous write attempts?
    • ⤷ Is there a surface-mount (SMD) equivalent for this 48-pin DIP part?