전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7130LA55TFGI8

  • AI
    ## Technical Overview of 7130LA55TFGI8 The **7130LA55TFGI8** is a high-performance **Dual-Port Static RAM (SRAM)** manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology). This component is designed to allow two independent systems (or processors) to access a common memory space simultaneously. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | SRAM - Dual Port, Asynchronous | | **Memory Size** | 8Kbit (1K x 8 bits) | | **Access Time** | 55 ns | | **Interface** | Parallel | | **Voltage Supply** | 4.5V ~ 5.5V | | **Operating Temp** | -40°C ~ 85°C (Industrial Grade) | | **Package Type** | TQFP-64 (Thin Quad Flat Pack) | | **Mounting Type** | Surface Mount | --- ### 2. Functional Architecture The core functionality of this chip revolves around its **dual-port nature**. Unlike standard RAM, it features: * **Independent Control:** Two separate sets of address, data, and control pins (Left Port and Right Port). * **Simultaneous Access:** Both ports can read or write to any location in the memory at the same time, provided they are not writing to the exact same address simultaneously. * **Arbitration Logic:** It includes "Busy" logic signals to manage contention if both ports attempt to access the same memory location at once. * **Interrupt Function:** It has a "Mailbox" interrupt feature used for communication between the two processors. --- ### 3. Pinout and Connectivity The **TQFP-64** package provides a high density of connections. Key pin groups include: * **A0L - A9L / A0R - A9R:** Address inputs for Left and Right ports. * **I/O0L - I/O7L / I/O0R - I/O7R:** Data Input/Output for Left and Right ports. * **CE, OE, R/W:** Chip Enable, Output Enable, and Read/Write controls for each side. * **BUSY:** Indicates when a port access is delayed due to contention. * **INT:** Interrupt flags to signal the other port. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **7130:** Part number for 1K x 8 Dual-Port RAM. * **LA:** Low Power version. * **55:** 55 nanosecond access speed. * **TF:** Plastic Thin Quad Flatpack (TQFP). * **G:** Green (RoHS compliant / Lead-free). * **I:** Industrial temperature range. * **8:** Tape and Reel packaging. --- ### 5. Common Applications * **Inter-processor Communication:** Linking a Digital Signal Processor (DSP) and a Microcontroller (MCU). * **Video Buffering:** Allowing a graphics engine and a CPU to share frame data. * **Network Equipment:** Handling packet data between different line cards. * **Shared Memory Systems:** In industrial automation where multiple controllers need real-time data access.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'L' versions of this SRAM chip?
    • ⤷ How does the 'Busy' logic handle simultaneous write attempts to the same address?
    • ⤷ Are there faster access time versions available for the 7130 series?