전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7132LA55P

  • AI
    The **7132LA55P** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** integrated circuit. It is designed to allow two independent processors or buses to access the same memory space simultaneously without interference. --- ## 1. Technical Specifications The part number can be broken down to understand its core performance characteristics: | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 16K bits (organized as 2K x 8) | | **Access Time** | 55ns (indicated by the "55" in the suffix) | | **Power Grade** | Low Power ("L" version) | | **Package Type** | 48-pin Plastic DIP (indicated by "P") | | **Supply Voltage** | 5.0V (Standard TTL Compatible) | | **Architecture** | True Dual-Port (Independent Address/Data/Control) | --- ## 2. Pinout and Internal Architecture The 7132LA55P features two complete sets of control pins (Left Port and Right Port), which include: ### Control Signals * **Address Pins ($A_0 - A_{10}$):** Used to select one of the 2,048 bytes. * **Data Pins ($I/O_0 - I/O_7$):** Bidirectional lines for reading and writing. * **Chip Enable ($\overline{CE}$):** Activates the specific port. * **Read/Write ($\text{R/}\overline{W}$):** Determines the direction of data flow. * **Output Enable ($\overline{OE}$):** Manages the output drivers to prevent bus contention. ### Arbitration Logic Because two systems might try to write to the exact same memory location at the same moment, the 7132 includes: * **$\overline{BUSY}$ pins:** These outputs signal to a processor when the other port is currently accessing a contested address, preventing data corruption. --- ## 3. Common Applications Due to its ability to act as a "mailbox" or buffer between two different systems, it is commonly used in: 1. **Multiprocessor Systems:** Passing data between a main CPU and a co-processor. 2. **Digital Signal Processing (DSP):** Buffering high-speed data streams between an ADC and a processor. 3. **Communication Buffers:** Interfacing between a network controller and a system bus. 4. **Legacy Industrial Systems:** Often found in older PLC or CNC controllers where dual-bus architecture was prevalent. --- ## 4. Key Advantages * **True Simultaneous Access:** Unlike "Shared Memory" that uses multiplexers to alternate access, this allows both ports to work at the same time. * **Low Power Consumption:** The "LA" series uses CMOS technology, which significantly reduces power draw when the device is in standby mode. * **Simplified Design:** Eliminates the need for external logic to manage bus arbitration between two CPUs.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 7132 and 7142 models?
    • ⤷ Can the 7132LA55P be used with modern 3.3V microcontrollers?
    • ⤷ How does the 'Busy' logic handle simultaneous write conflicts?