전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 71342LA55J

  • AI
    The **71342LA55J** is a high-speed, low-power **4K x 8 Dual-Port Static RAM (SRAM)**. It is designed to allow two independent systems to access the same memory space simultaneously without interference, making it ideal for communication between microprocessors or between a CPU and a digital signal processor (DSP). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 32 Kbit (4,096 words x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Interface** | Parallel (Asynchronous) | | **Voltage Supply** | 4.5V to 5.5V (Standard 5V) | | **Package Type** | PLCC-52 (Plastic Leaded Chip Carrier) | | **Operating Current** | Low power (indicated by the "L" suffix) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the chip's performance and physical characteristics: * **71342**: The base model number for a 4K x 8 Dual-Port RAM with On-Chip Semaphores. * **L**: Low-power version (reduces power consumption during standby). * **A**: Design revision code. * **55**: Speed grade, indicating a maximum access time of **55ns**. * **J**: Package code, indicating a **52-pin PLCC** package. --- ### 3. Core Functional Features * **Dual-Port Architecture:** It features two sets of identical control, address, and I/O pins (Left Port and Right Port). This allows asynchronous reading and writing to any location in the memory. * **Semaphore Logic:** Unlike standard RAM, the 71342 includes eight "Semaphore" flags. These are used by the two ports to communicate with each other to prevent "collisions" (trying to write to the same address at the same time). * **Asynchronous Operation:** The device does not require a clock signal. Data access is triggered purely by the transitions of the address lines and control signals (Chip Enable, Output Enable, etc.). --- ### 4. Typical Applications Due to its ability to bridge two different processing units, it is commonly used in: 1. **Telecommunications:** Handling data buffers between network controllers. 2. **Industrial Controls:** Interfacing a high-speed controller with a user-interface processor. 3. **Real-Time Systems:** Passing data between a CPU and a dedicated DSP or FPGA. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 71342 and the 7130 series dual-port RAM?
    • ⤷ How does the semaphore logic prevent data corruption in this chip?
    • ⤷ Are there modern pin-compatible replacements for the 71342LA55J?