전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7140LA55CGI8

  • AI
    The **7140LA55CGI8** is a high-speed, low-power Dual-Port Static RAM (SRAM) manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology). This specific part is designed to allow two independent systems to access a common memory space simultaneously. --- ## 1. Technical Specifications Below are the primary technical parameters for the 7140LA55CGI8: | Feature | Specification | | :--- | :--- | | **Memory Type** | SRAM - Dual Port, Asynchronous | | **Memory Size** | 8Kbit (1K x 8 bits) | | **Speed (Access Time)** | 55 ns | | **Voltage Supply** | 4.5V ~ 5.5V | | **Operating Current** | Low Power (LA Series) | | **Package / Case** | 52-CLCC (Ceramic Leadless Chip Carrier) | | **Operating Temp** | -40°C ~ 85°C (Industrial Grade) | --- ## 2. Part Number Breakdown Understanding the suffix and prefix helps in identifying specific attributes: * **7140**: The base model number for a 1K x 8 Dual-Port RAM. * **LA**: Indicates "Low Power" version. * **55**: Represents the access time (55 nanoseconds). * **C**: Refers to the Package Type (usually Ceramic). * **G**: Indicates a "Green" or RoHS-compliant package. * **I**: Industrial Temperature range. * **8**: Denotes Tape and Reel packaging for automated assembly. --- ## 3. Key Functional Features The 7140LA55CGI8 is more than just a storage chip; it includes logic to handle communication between two processors: ### Dual-Port Architecture It features two sets of independent control, address, and I/O pins. This allows a "Left Port" and a "Right Port" to read or write to any location in the memory at the same time. ### Arbitration Logic To prevent data corruption during simultaneous writes to the same memory location, the chip includes: * **Busy Logic:** Notifies one side if the other side is currently accessing the same address. * **Interrupt Flags:** Allows one processor to send a signal to the other, facilitating "handshaking" in complex systems. ### Low Power Consumption As part of the **LA** series, this chip is optimized for battery-backed or power-sensitive applications, drawing significantly less current during standby mode. --- ## 4. Common Applications Due to its ability to bridge two different processing buses, it is commonly used in: 1. **Digital Signal Processing (DSP):** Passing data between a DSP and a general-purpose CPU. 2. **Communications:** Buffering data between network controllers. 3. **Industrial Controls:** Interfacing a real-time sensor controller with a user-interface processor. 4. **Military/Aerospace:** The Ceramic (C) packaging is often chosen for its durability in harsh environments.
    ✨ Follow-up Questions
    • ⤷What is the difference between synchronous and asynchronous Dual-Port SRAM?
    • ⤷ How does the 'Busy' pin function during a write-contention scenario?
    • ⤷ Are there pin-compatible alternatives with faster access times?