전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7140LA55PFG

  • AI
    The **7140LA55PFG** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** integrated circuit manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology). Below is a detailed breakdown of its specifications, architecture, and applications. --- ### 1. Key Specifications The following table summarizes the primary technical parameters of the device: | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (1K x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Voltage Supply** | 4.5V to 5.5V (Standard 5V) | | **Current (Active)** | ~160 mA | | **Current (Standby)** | ~1 mA (Low Power "L" version) | | **Package Type** | TQFP-64 (Thin Quad Flat Pack, 64-pin) | | **Operating Temp** | 0°C to +70°C (Commercial) | --- ### 2. Architecture and Functionality The "Dual-Port" nature of this chip is its most significant feature. It allows two independent systems (or processors) to read and write to the same memory space simultaneously. #### Dual-Port Features: * **Independent Control:** It features two sets of addresses, data lines, and control signals (Read/Write, Chip Enable). * **Asynchronous Operation:** The Left Port and Right Port can operate at different speeds or timings without interfering with each other. * **Interrupt Logic:** It includes "Mailbox" interrupt flags to allow the two processors to communicate status updates to one another. * **Arbitration:** It has internal hardware logic (BUSY pins) to manage "Write Contention" if both ports try to write to the same memory location at the exact same time. --- ### 3. Part Number Breakdown Understanding the suffix codes helps in identifying specific variants: | Segment | Meaning | | :--- | :--- | | **7140** | Base Part Number (1K x 8 Dual-Port RAM) | | **L** | Low Power version | | **A** | Design Revision / Improvement code | | **55** | Speed Grade (55ns access time) | | **PF** | Package Code (TQFP - Plastic Quad Flatpack) | | **G** | Green/RoHS Compliant (Lead-free) | --- ### 4. Common Applications Due to its ability to bridge two different processing units, the 7140LA55PFG is typically found in: 1. **Multiprocessor Systems:** Passing data between a primary CPU and a secondary DSP (Digital Signal Processor). 2. **Buffer Management:** Acting as a high-speed buffer for network interface cards. 3. **Industrial Automation:** Interfacing a real-time controller with a user-interface processor. 4. **Legacy Systems:** Often used in older telecommunications and medical imaging hardware. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 7130 and 7140 series of Dual-Port RAM?
    • ⤷ How does the 'BUSY' logic prevent data corruption in this chip?
    • ⤷ Are there faster speed grades available for the 7140 series?