전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 7142LA55P

  • AI
    The **7142LA55P** is a high-speed, low-power **2K x 8 Dual-Port Static RAM (SRAM)** manufactured by Renesas (formerly IDT - Integrated Device Technology). This component is designed to allow two independent systems to access a common memory space simultaneously. --- ### 1. Key Technical Specifications The model number "7142LA55P" breaks down into specific technical characteristics: | Feature | Specification | | :--- | :--- | | **Memory Density** | 16K bits (2K words x 8 bits) | | **Access Time** | 55ns (indicated by the "55") | | **Package Type** | PDIP-48 (Plastic Dual In-line Package, indicated by "P") | | **Power Class** | Low Power (indicated by "LA") | | **Configuration** | Dual-Port (Independent Address/Data/Control lines) | --- ### 2. Functional Architecture The most critical feature of the 7142 is its **dual-port architecture**. It features two sets of fully independent control, address, and I/O pins (Left Port and Right Port). * **Asynchronous Operation:** The two ports can be accessed at different times or simultaneously. * **Hardware Arbitration:** It includes logic to handle "contention" (when both ports try to write to the same memory location at once) using specific flags. * **Interrupt Function:** It features a Mailbox interrupt (INT) to facilitate communication between the two processors or systems. --- ### 3. Pinout Categories The 48-pin PDIP package is organized into several functional groups: | Pin Group | Description | | :--- | :--- | | **$A_0L - A_{10}L$ / $A_0R - A_{10}R$** | Left and Right Address Inputs. | | **$I/O_{0}L - I/O_{7}L$ / $I/O_{0}R - I/O_{7}R$** | Left and Right Data Input/Output. | | **$CE_L / CE_R$** | Chip Enable (Activates the specific port). | | **$OE_L / OE_R$** | Output Enable (Controls the data output buffers). | | **$R/W_L / R/W_R$** | Read/Write Control. | | **$BUSY_L / BUSY_R$** | Arbitration status pins to indicate port busy. | --- ### 4. Common Applications This chip is typically used in systems where two different microprocessors need to share data without a complex bus-arbitration scheme. 1. **Digital Signal Processing (DSP):** Passing data between a DSP and a general-purpose CPU. 2. **Communications:** Acting as a buffer for high-speed network interfaces. 3. **Peripheral Controllers:** Interfacing a host system with a dedicated I/O controller.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 7142 and the 7132 dual-port RAM models?
    • ⤷ How does the BUSY signal handle simultaneous write attempts to the same address?
    • ⤷ Are there modern SMD equivalents for the legacy 48-pin PDIP package?