전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 71VR1-E00-R

  • AI
    The **71VR1-E00-R** is a specific part number typically associated with high-performance **Brushless DC (BLDC) motors**, often utilized in specialized industrial or automotive applications (such as electric water pumps or cooling fans). Below is a detailed breakdown of its electronic characteristics and technical context. --- ### 1. Technical Specifications Overview While specific values can vary slightly by manufacturer (often associated with brands like **Brose** or specialized Tier 1 suppliers), the general parameters for this series are as follows: | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Nominal Voltage** | 12V DC (Standard Automotive) | | **Operating Range** | 9V - 16V | | **Communication** | PWM (Pulse Width Modulation) or LIN-Bus | | **Material** | High-temp resistant plastics and alloys | | **Protection Class** | IP67 / IP6K9K (Dust/Waterproof) | --- ### 2. Key Electronic Components The internal electronics of the 71VR1-E00-R consist of three primary functional blocks: #### A. Power Stage (Inverter) * **MOSFETs:** Uses a 3-phase bridge configuration (6 MOSFETs) to switch power to the motor windings. * **Driver IC:** A specialized Gate Driver converts the low-level logic signals into high-current pulses to trigger the MOSFETs. #### B. Control Logic (MCU) * **Microcontroller:** An embedded 8-bit or 32-bit MCU manages the motor's commutation logic. * **Sensorless Control:** Most versions use **Back-EMF (Electromotive Force)** sensing to determine the rotor position without needing Hall Effect sensors, increasing reliability. #### C. Protection Circuitry * **Thermal Protection:** Internal NTC thermistors monitor temperature to prevent burnout. * **EMI/EMC Filtering:** Capacitors and inductors are integrated to prevent electromagnetic interference with other vehicle electronics (Radio, ECU). * **Over-current/Reverse Polarity:** Protects the internal PCB from wiring errors or mechanical stalls. --- ### 3. Connection and Interface The "E00-R" designation usually refers to the specific connector orientation and pinout configuration. 1. **Pin 1 (VCC):** Battery Positive (+). 2. **Pin 2 (GND):** Chassis Ground (-). 3. **Pin 3 (Control/Signal):** Receives a **PWM signal** from the Engine Control Unit (ECU) to dictate speed (Duty Cycle %). 4. **Pin 4 (Feedback - Optional):** Outputs a pulse signal to the ECU to report actual RPM or error states. --- ### 4. Typical Applications * **Automotive Cooling:** Auxiliary water pumps for turbochargers or battery thermal management. * **HVAC Systems:** High-efficiency blower motors. * **Industrial Automation:** Precision liquid dosing or small-scale ventilation.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 71VR1-E00-R connector?
    • ⤷ How do I troubleshoot a 'no-start' condition on this motor?
    • ⤷ What is the difference between the PWM and LIN-Bus control versions of this part?