74ABT373CMSACX
AI

## Technical Overview of the 74ABT373CMSACX
The **74ABT373CMSACX** is a high-performance integrated circuit (IC) belonging to the **Advanced BiCMOS Technology (ABT)** family. It is an octal transparent D-type latch with 3-state outputs. This device combines the high speed of bipolar logic with the low power consumption of CMOS technology.
---
### 1. Key Features and Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | ABT (Advanced BiCMOS) |
| **Logic Type** | Octal Transparent D-Latch |
| **Output Type** | 3-State (Tri-state) |
| **Voltage Supply Range** | 4.5V to 5.5V |
| **Current Output (High/Low)** | -32 mA / 64 mA |
| **Propagation Delay** | Approx. 3.3ns to 4.5ns |
| **Package Type** | SSOP-20 (Shrink Small Outline Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Description
The device consists of eight D-type latches. It is designed specifically for driving high-capacitance loads or low-impedance backplanes.
#### Pins and Control
* **D0–D7 (Data Inputs):** These are the 8-bit parallel data input lines.
* **Q0–Q7 (Data Outputs):** These are the 8-bit buffered outputs.
* **LE (Latch Enable):** When high, the latches are transparent (outputs follow inputs). When low, data is latched and held.
* **OE (Output Enable):** When low, outputs are active. When high, outputs are in a high-impedance state (Z).
#### Logic Truth Table
| OE | LE | D | Q (Output) | Mode |
| :---: | :---: | :---: | :---: | :--- |
| L | H | H | H | Transparent (High) |
| L | H | L | L | Transparent (Low) |
| L | L | X | Q0 | Latched (No change) |
| H | X | X | Z | High Impedance |
---
### 3. Advantages of the ABT Series
1. **High Drive Capability:** The 64mA sink current makes it ideal for driving memory buses or backplanes.
2. **Low Static Power:** Uses CMOS for internal logic to keep idle power consumption minimal.
3. **Speed:** Bipolar transistors at the output stage allow for very fast switching times, comparable to the 74F (Fast) series.
4. **Live Insertion:** ABT parts are often designed to support "hot-plugging" or live insertion into a powered backplane without damaging the bus.
---
### 4. Application Areas
* **Bus Buffers:** Used to isolate different sections of a computer bus.
* **Data Registers:** Temporary storage of 8-bit data in microprocessor systems.
* **I/O Ports:** Acting as an interface between a CPU and peripheral devices.
* **Memory Address Latching:** Holding addresses constant during memory access cycles.
- ⤷
What is the difference between a transparent latch like the 74ABT373 and an edge-triggered flip-flop?
- ⤷ How does the SSOP package compare to a standard SOIC package in terms of board space?
- ⤷ What are the specific power-up requirements for BiCMOS logic families?