전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 74ABT373CSCQB

  • AI
    ## Overview of the 74ABT373CSCQB The **74ABT373CSCQB** is a high-performance integrated circuit (IC) belonging to the Advanced BiCMOS Technology (ABT) family. It is specifically an **Octal Transparent D-Type Latch** with 3-state outputs. This device is designed for low-voltage or high-speed applications where high drive capability and low power consumption are required. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Logic Type** | Octal D-Type Latch (Transparent) | | **Technology** | BiCMOS (Bipolar + CMOS) | | **Output Type** | 3-State (High-Z capability) | | **Operating Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Output Drive Current ($I_{OL}$)** | 64 mA (High current sink capability) | | **Propagation Delay** | ~3.0 ns to 5.0 ns | | **Package Type** | CQFP (Ceramic Quad Flat Pack) | | **Operating Temperature** | -55°C to +125°C (Military Grade) | --- ### 2. Functional Description The 74ABT373 consists of eight separate latches. The device operates based on two primary control inputs: 1. **Latch Enable (LE):** * When **High**, the latch is "transparent." The $Q$ outputs follow the $D$ inputs. * When **Low**, the data at the $D$ inputs is latched (stored) and the outputs remain stable regardless of input changes. 2. **Output Enable ($\overline{OE}$):** * When **Low**, the outputs are active. * When **High**, the outputs are placed in a high-impedance (High-Z) state, effectively disconnecting them from the bus. --- ### 3. Pinout Configuration The "CSCQB" suffix typically indicates a **20-pin Ceramic Quad Flat Pack**. The typical pin distribution is as follows: | Pin Type | Name | Function | | :--- | :--- | :--- | | **Inputs** | $D_0 - D_7$ | Eight Data Inputs | | **Outputs** | $Q_0 - Q_7$ | Eight Latch Outputs | | **Control** | LE | Latch Enable (Active High) | | **Control** | $\overline{OE}$ | Output Enable (Active Low) | | **Power** | $V_{CC}$ | Positive Supply Voltage | | **Ground** | GND | Ground Reference | --- ### 4. Logic Truth Table | $\overline{OE}$ | LE | D | Output (Q) | Mode | | :---: | :---: | :---: | :---: | :--- | | L | H | H | H | Transparent (High) | | L | H | L | L | Transparent (Low) | | L | L | X | $Q_0$ | Latched (Stable) | | H | X | X | Z | High-Impedance | --- ### 5. Application Areas * **Bus Buffering:** Used to interface microprocessors to memory or I/O devices. * **Data Storage:** Temporary holding of data between different clock cycles. * **Military/Aerospace:** The "QB" suffix often denotes military-grade screening, making it suitable for harsh environments and high-reliability systems. * **High-Speed Signal Distribution:** Used in systems where signal integrity and low propagation delay are critical.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ABT and the standard HC/HCT logic families?
    • ⤷ How does the 'High-Z' state facilitate bus-oriented system design?
    • ⤷ Can this IC be used in 3.3V logic systems without level shifting?