전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 74HC393D

  • AI
    ## Overview of the 74HC393D The **74HC393D** is a high-speed CMOS device featuring **dual 4-stage binary ripple counters**. It is widely used in digital electronics for frequency division, timing applications, and counting tasks. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Logic Family** | 74HC (High-speed CMOS) | | **Counter Type** | Binary Ripple Counter | | **Voltage Range** | 2.0V to 6.0V | | **Package Type** | SOIC-14 (Small Outline Integrated Circuit) | | **Number of Pins** | 14 Pins | | **Max Frequency** | ~35 MHz (at 4.5V) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Pin Configuration and Functions The 74HC393D contains two identical, independent 4-bit counters. Each counter has an individual Clock input and a Master Reset. | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1, 13 | 1CP, 2CP | **Clock Input:** Triggered on the High-to-Low transition (Negative Edge). | | 2, 12 | 1MR, 2MR | **Master Reset:** Active High. Resets all counter stages to 0. | | 3, 4, 5, 6 | 1Q0 to 1Q3 | **Counter 1 Outputs:** 4-bit binary output (2^0 to 2^3). | | 8, 9, 10, 11| 2Q0 to 2Q3 | **Counter 2 Outputs:** 4-bit binary output. | | 7 | GND | Ground (0V). | | 14 | VCC | Supply Voltage (typically 5V). | --- ### 3. Logic and Functionality The device operates as a **ripple counter**, meaning the clock signal triggers the first flip-flop, which then triggers the second, and so on. #### Counting Sequence 1. **Clocking:** Each negative edge on the `CP` pin increments the binary count. 2. **Resetting:** Applying a High signal to the `MR` pin overrides the clock and forces all `Q` outputs to Low (0000). 3. **Cascading:** Since there are two 4-bit counters, you can connect the last output of the first counter (`1Q3`) to the clock input of the second (`2CP`) to create an **8-bit ripple counter** (counting from 0 to 255). --- ### 4. Typical Applications * **Frequency Dividers:** Dividing a high-frequency clock down to a lower frequency. * **Time Delay Circuits:** Counting pulses to trigger an event after a specific duration. * **Digital Clocks:** Used in the logic chain for seconds, minutes, and hours. * **State Machines:** Keeping track of sequential states in a logic system. --- ### 5. Implementation Example Below is a conceptual representation of how to handle the inputs in a typical circuit: ```c // Pseudo-Logic for Resetting and Counting If (Reset_Pin == HIGH) { Outputs = 0000; // Counter cleared } Else If (Clock_Edge == FALLING) { Outputs = Outputs + 1; // Increment binary count } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ripple counter like the 74HC393 and a synchronous counter?
    • ⤷ How do I cascade both counters in the 74HC393 to create an 8-bit counter?
    • ⤷ What is the maximum output current for the Q pins of the 74HC393D?