전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 761-R

  • AI
    Based on the part number **761-R**, this most frequently refers to a specific series of **electromechanical relays** (specifically the 761 series) or **automotive lighting components**, depending on the manufacturer. The most common industrial reference is the **Magneseries 761 series miniature power relay**. --- ## 1. Technical Specifications (Magneseries 761-R) The 761-R is a sub-miniature power relay designed for high-density mounting on printed circuit boards (PCBs). | Feature | Specification | | :--- | :--- | | **Contact Configuration** | SPDT (1 Form C) or SPST (1 Form A) | | **Current Rating** | Typically 10A to 12A | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 30 DC | | **Coil Type** | DC Sensitive | | **Termination** | PCB Terminals (Through-hole) | | **Material** | Silver Alloy contacts | --- ## 2. Key Components & Construction A "761-R" relay consists of several internal electronic and mechanical parts: ### A. The Coil The "heart" of the relay. When a DC current flows through this copper winding, it creates a magnetic field. * **Input:** Usually 5V, 12V, or 24V DC. ### B. The Armature A moving lever that is pulled toward the coil when energized. This physical movement is what "switches" the circuit. ### C. Contacts The actual metal points that open or close the electrical path. * **Common (COM):** The moving part connected to the armature. * **Normally Closed (NC):** The contact the armature touches by default. * **Normally Open (NO):** The contact the armature moves to when the relay is "on." ### D. Return Spring Ensures that once power is removed from the coil, the armature returns to its original position (the "Reset" state). --- ## 3. Common Applications Due to its small footprint and relatively high current capacity, the 761-R is found in: 1. **Industrial Controls:** Small PLCs and interface modules. 2. **Consumer Electronics:** Power supplies, microwave ovens, and HVAC controllers. 3. **Automotive Modules:** Control circuits for windows, locks, or interior lighting (often designated as 761-R-xxx). --- ## 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **761** | Series identifier (Miniature Power Relay) | | **-R** | Often denotes **RoHS Compliance** (Lead-free) or **Resistor** integrated for coil suppression. | | **Additional Suffixes** | May indicate coil voltage (e.g., -12D for 12VDC). | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the 761-R part you are looking for?
    • ⤷ Are you looking for the pinout diagram for PCB mounting?
    • ⤷ Is this part being used in an automotive or industrial application?