전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 77-059

  • AI
    The part number **77-059** most commonly refers to a specific series of high-performance **Dry Reed Relays** manufactured by **Pickering Electronics**. These components are widely used in Automated Test Equipment (ATE), high-density switching systems, and instrumentation. --- ### ## Technical Specifications The 77-059 series is characterized by its compact SIP (Single-In-line Package) design and high voltage/power handling capabilities. | Feature | Typical Specification | | :--- | :--- | | **Switch Configuration** | 1 Form A (Normally Open) | | **Max Switching Voltage** | Up to 200V DC | | **Max Switching Current** | 0.5A | | **Max Power Rating** | 10 Watts | | **Coil Resistance** | Typically 500Ω (for 5V models) | | **Package Style** | SIP (Vertical Mount) | --- ### ### Key Electronic Characteristics 1. **SoftCenter™ Technology**: Pickering utilizes a unique soft rubber encapsulation to protect the delicate glass-to-metal seal of the reed switch. This reduces internal stress and increases the lifespan of the part. 2. **Magnetic Screening**: The 77-059 parts usually include internal Mu-metal screening. This prevents magnetic interference between adjacent relays, allowing them to be packed tightly on a PCB without triggering "false" closures. 3. **High Insulation Resistance**: Because it uses a reed switch, the isolation when the contact is open is extremely high (typically > $10^{12} \Omega$), making it ideal for low-leakage measurements. 4. **Fast Switching Speed**: Unlike mechanical armature relays, these electronic reed relays can operate in less than 1 millisecond. --- ### ### Common Applications * **Data Acquisition (DAQ)**: Used to multiplex signals from sensors to a central processor. * **Semiconductor Testing**: Switching high-speed test signals in clean environments. * **In-Circuit Testers (ICT)**: Routing signals through various nodes of a PCB under test. * **Medical Electronics**: Due to their reliability and small footprint. --- ### ### Safety and Handling Since these parts contain a vacuum-sealed glass reed, they are sensitive to: * **Mechanical Shock**: Dropping the part can crack the internal glass. * **Overloading**: Exceeding the 10W power rating will weld the contacts shut permanently. * **ESD**: While the contacts are robust, the coil can be sensitive to high-voltage transients if a flyback diode is not used in the circuit.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Reed Relay and a standard Electromechanical Relay?
    • ⤷ Do I need a flyback diode when driving a 77-059 relay with a microcontroller?
    • ⤷ What are the pinout dimensions for the 77-059 series?