78250MC-R
AI

The **78250MC-R** is a high-performance, surface-mount (SMD) interface transformer specifically designed for use with the MAX250 and MAX251 isolated RS-232 transceiver chipsets from Maxim Integrated. It is manufactured by Murata Power Solutions.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Manufacturer** | Murata Power Solutions |
| **Turns Ratio** | 1:1:1 (Primary to Secondary) |
| **Input Voltage** | 5.0V (Optimized for 5V logic) |
| **Isolation Voltage** | 4000 Vrms |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package / Case** | 6-SMD (Gull Wing) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Role
The primary purpose of the 78250MC-R is to provide **galvanic isolation** for power and data lines.
* **Power Transfer:** It works in a "push-pull" configuration to transfer power from the logic side (non-isolated) to the line side (isolated).
* **Voltage Conversion:** In conjunction with the MAX250/251, it helps generate the ±10V required for RS-232 communication from a single +5V supply.
* **Safety & Noise:** It protects sensitive microcontrollers from high-voltage surges on the RS-232 cable and eliminates ground loops.
---
### 3. Pin Configuration (Typical)
The device usually features a 6-pin layout to accommodate the primary and secondary windings:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1 - 3** | Primary Winding | Connected to the driver (e.g., MAX250) |
| **4 - 6** | Secondary Winding | Provides isolated output to the transceiver side |
---
### 4. Critical Design Considerations
When integrating this part into a PCB layout, consider the following:
* **Creepage and Clearance:** Ensure the PCB layout maintains the distance between the primary and secondary pads to preserve the 4kV isolation rating.
* **Toroidal Core:** This part uses a toroidal core which offers high efficiency and low electromagnetic interference (EMI).
* **Reflow Soldering:** The "MC-R" suffix indicates it is compatible with standard lead-free reflow soldering processes and is typically supplied on Tape & Reel.
---
- ⤷What is the difference between the 78250MC and the 78253 series?
- ⤷ Can this transformer be used with 3.3V logic levels?
- ⤷ What are the recommended PCB layout tips for maintaining 4kV isolation?