78L05ACD-R1
AI

The **78L05ACD-R1** is a popular low-power linear voltage regulator. It belongs to the 78Lxx series, designed to provide a stable +5V output from a higher unregulated DC input voltage.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | +5.0 V |
| **Output Current (Max)** | 100 mA |
| **Input Voltage (Max)** | 30 V to 35 V |
| **Dropout Voltage** | ~1.7 V (Minimum $V_{in}$ should be ~7V) |
| **Package Type** | SOIC-8 (Surface Mount) |
| **Operating Temperature** | 0°C to +125°C |
---
### 2. Pin Configuration (SOIC-8 Package)
Unlike the standard 3-pin TO-92 package, the SOIC-8 version utilizes multiple pins for heat dissipation or specific routing.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **Vout** | Regulated +5V output |
| **2, 3, 6, 7** | **GND** | Ground (Commonly tied together for heat sinking) |
| **4** | **NC** | No Connection |
| **5** | **NC** | No Connection |
| **8** | **Vin** | Unregulated Input Voltage |
---
### 3. Key Features
* **Internal Current Limiting:** Protects the device from drawing too much current.
* **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe limits.
* **Low Quiescent Current:** Efficient for small-signal applications.
* **Short Circuit Protection:** Safeguards the IC and the downstream components.
---
### 4. Typical Application Circuit
To ensure stability and reduce noise, capacitors are required at the input and output.
```text
Input (7V-20V) 78L05 Output (+5V)
(+) ----o-----------[ Vin Vout ]----------o---- (+)
| [ GND ] |
[C1] [ ] [C2]
| | |
(-) ----o----------------o-----------------o---- (-)
C1: 0.33uF Ceramic (Filter input noise)
C2: 0.1uF Ceramic (Improve transient response)
```
---
### 5. Common Use Cases
1. **Microcontrollers:** Providing steady 5V power to logic chips (Atmel, PIC, etc.).
2. **Sensor Power:** Powering low-current analog or digital sensors.
3. **Local Regulation:** On-card regulation to eliminate noise issues associated with single-point regulation in large systems.
4. **Reference Voltage:** Acting as a stable reference for ADC circuits.
- ⤷
What is the main difference between the 78L05 and the standard 7805?
- ⤷ How do I calculate the power dissipation for this SOIC-8 package?
- ⤷ Can I use this regulator for an input voltage higher than 30V?