전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 78L09ML-S08-R

  • AI
    ## Technical Overview: 78L09ML-S08-R The **78L09ML-S08-R** is a fixed-output positive voltage regulator. It belongs to the 78Lxx series, which are low-power versions of the standard 78xx series regulators. This specific part is designed to provide a stable 9V output in a compact surface-mount package. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | +9V DC | | **Output Current** | Up to 100mA | | **Input Voltage (Max)** | 30V - 35V | | **Package Type** | SOP-8 (Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | | **Topology** | Linear Regulator (LDO family) | --- ### 2. Part Number Breakdown Understanding the suffix helps identify the specific physical and chemical properties of the component: * **78L09**: The base series (78 = Positive regulator, L = Low power/100mA, 09 = 9 Volts). * **ML**: Often indicates specific tolerance grades or internal manufacturer codes (Lead-free/Halogen-free). * **S08**: Refers to the **SOP-8** package (8-pin surface mount). * **R**: Indicates **Tape & Reel** packaging for automated pick-and-place assembly. --- ### 3. Pin Configuration (SOP-8) In an SOP-8 package, the pins are typically assigned as follows (note: multiple pins are often used for heat sinking): | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Output** | Regulated 9V output | | 2, 3, 6, 7 | **GND** | Ground / Heat Sink connection | | 4, 5 | **NC** | No internal connection (usually) | | 8 | **Input** | Unregulated input voltage | --- ### 4. Internal Protection Features The 78L09ML-S08-R includes several "fail-safe" mechanisms: * **Thermal Overload Protection**: Shuts down the device if the internal temperature exceeds safe limits. * **Short Circuit Current Limiting**: Limits the current if the output is accidentally grounded. * **Safe Area Protection**: Protects the internal output transistor from damage under high voltage/current stress. --- ### 5. Application Circuit To ensure stability, capacitors should be placed close to the device pins: ```text Input (12V-24V) ----[ C_in: 0.33uF ]----( Pin 8 ) | [ 78L09 ] | Output (9V) ----[ C_out: 0.1uF ]----( Pin 1 ) | Ground ------------------------( Pin 2/3/6/7 ) ```
    ✨ Follow-up Questions
    • ⤷ What is the minimum input voltage required for the 78L09 to maintain a stable 9V output?
    • ⤷ How does the SOP-8 package compare to the TO-92 version in terms of heat dissipation?
    • ⤷ Can this regulator be used for battery-powered applications with high efficiency requirements?