전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 78L12ACD-R1

  • AI
    The **78L12ACD-R1** is a member of the popular 78Lxx series of fixed-voltage integrated circuit voltage regulators. It is specifically designed to provide a stable **12V output** from a higher, fluctuating DC input voltage. --- ### 1. Key Technical Specifications The "L" in the part number signifies that this is a **low-power** (100mA) version compared to the standard 7812 (1.5A). | Feature | Specification | | :--- | :--- | | **Output Voltage** | 12V (Fixed) | | **Max Output Current** | 100 mA | | **Input Voltage Range** | 14.5V to 30V | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temperature** | 0°C to +125°C | | **Quiescent Current** | ~3 mA to 5 mA | --- ### 2. Pinout Configuration (SOIC-8) Unlike the 3-pin TO-92 package, the **78L12ACD** in the SOIC-8 package uses multiple pins for heat dissipation and grounding. | Pin Number | Function | Description | | :--- | :--- | :--- | | **8** | $V_{OUT}$ | Regulated 12V Output | | **1** | $V_{IN}$ | Unregulated Input Voltage | | **2, 3, 6, 7** | GND | Ground (Heat sink connection) | | **4, 5** | NC | No Internal Connection | --- ### 3. Core Features * **Internal Current Limiting:** Prevents the device from burning out if the output is shorted. * **Thermal Overload Protection:** The IC will shut down if its internal temperature exceeds safe limits. * **Small Form Factor:** The SOIC-8 surface-mount package is ideal for space-constrained PCB designs. * **No External Components Required:** While capacitors are recommended for stability, the device can function as a standalone regulator. --- ### 4. Typical Application Circuit To ensure stability and reduce noise, it is standard practice to use bypass capacitors. ```text Input (15V-27V) ----+-----------+------- [ VIN ] | | [C1] [78L12] 0.33uF | | [ GND ]------- Ground | | Output (12V) <------+-----------+------- [ VOUT ] | [C2] 0.1uF | Ground ``` --- ### 5. Common Use Cases * **Local On-card Regulation:** Eliminating noise problems associated with single-point regulation in large systems. * **Sensor Power Supplies:** Providing clean 12V power to analog sensors. * **Logic Level Shifting:** Powering 12V logic circuits from a 24V industrial bus.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 78L12 and the LM7812?
    • ⤷ How do I calculate the power dissipation for this regulator?
    • ⤷ Can I use this regulator to charge a 12V lead-acid battery?