전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 78R15API

  • AI
    ## Technical Overview of the 78R15API The **78R15API** is a positive fixed-voltage regulator belonging to the **Low Dropout (LDO)** family. It is specifically designed to provide a stable **15V output** with an added control feature: a **Reset/ON-OFF control pin**. This makes it highly useful in power management systems where a microcontroller needs to enable or disable specific power rails. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage (Vout)** | 15V DC | | **Max Input Voltage (Vin)** | 35V DC | | **Max Output Current (Io)** | 1.0 Ampere | | **Dropout Voltage (Vd)** | Typically 0.5V at 1A | | **Package Type** | TO-220F-4L (Full mold, 4 pins) | | **Control Pin** | High level = ON / Low level = OFF | --- ### 2. Pin Configuration (4-Lead TO-220F) Unlike standard 78xx series regulators (which have 3 pins), the 78Rxx series has 4 pins to accommodate the control function. | Pin Number | Name | Description | | :---: | :--- | :--- | | **1** | **Vin** | Unregulated DC input voltage | | **2** | **Vout** | Regulated 15V output voltage | | **3** | **GND** | Ground / Common terminal | | **4** | **Vdis** | Control pin (Disable/Enable the output) | --- ### 3. Core Functional Features * **LDO Characteristic:** It can maintain a stable 15V output even when the input voltage is only slightly higher than the output (e.g., 15.5V). * **Built-in Protection:** * **Over-Current Protection:** Limits output current to prevent damage during a short circuit. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe limits. * **Safe Operating Area (SOA) Protection:** Protects the internal output transistor. * **Remote On/Off:** The 4th pin allows digital logic (TTL/CMOS) to turn the regulator on or off, reducing standby power consumption. --- ### 4. Application Example (Basic Circuit) To use the 78R15API, you typically need two capacitors for stability and noise filtering. ```markdown Vin (Pin 1) ----[ + 0.33uF C1 - ]---- GND (Pin 3) Vout (Pin 2) ---[ + 0.1uF C2 - ]----- GND (Pin 3) Vdis (Pin 4) --- Connected to MCU or Switch ``` * **C1 (Input Capacitor):** Required if the regulator is located far from the power supply filter. * **C2 (Output Capacitor):** Improves stability and transient response. --- ### 5. Common Use Cases 1. **Industrial Equipment:** Powering 15V sensors or relays that need to be deactivated during sleep modes. 2. **Audio Amplifiers:** Providing clean 15V rails for Op-Amps. 3. **Microcontroller Interfacing:** Allowing a 5V MCU to control the power supply of high-voltage peripheral components.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 78R15 and a standard 7815 regulator?
    • ⤷ Can I use the 78R15API without connecting the 4th pin?
    • ⤷ What is the maximum power dissipation for the TO-220F package?