전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 78R25API

  • AI
    ### Overview of the 78R12API (KA78R12API) The **78R12API** (often manufactured by companies like Fairchild or ON Semiconductor) is a **Low Dropout (LDO) Voltage Regulator** with a specific 4-terminal configuration. It is designed to provide a stable 12V output with an added feature for external control (On/Off). --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 12V DC (Fixed) | | **Output Current** | 1.0 Ampere | | **Dropout Voltage** | Approx. 0.5V at 1A | | **Input Voltage (Max)** | 35V DC | | **Package Type** | TO-220F (4-Lead) | | **Control Function** | High/Low logic for power switching | --- ### Pin Configuration Unlike standard 3-pin regulators (like the LM7812), the 78R12API has **4 pins**. 1. **Pin 1 (Vin):** Unregulated Input Voltage. 2. **Pin 2 (Vout):** Regulated 12V Output. 3. **Pin 3 (GND):** Ground. 4. **Pin 4 (V_control):** The **ON/OFF** control pin. A high signal (usually >2V) turns the output ON, while a low signal turns it OFF. --- ### Core Features * **Low Dropout Voltage:** It requires a very small difference between input and output voltage to function (typically 0.5V), making it more efficient than standard regulators. * **Remote Control:** The 4th pin allows a microcontroller or a simple switch to shut down the regulator to save power. * **Protection Circuits:** * **Thermal Shutdown:** Protects the IC if it gets too hot. * **Over-Current Protection:** Limits output current to prevent damage. * **Over-Voltage Protection:** Safely handles voltage spikes. --- ### Typical Application Circuit To use this part effectively, capacitors are required to stabilize the voltage and filter noise. ```cpp // Basic Schematic Representation [Input Voltage] ----> Pin 1 (Vin) | [Capacitor 0.33uF to GND] | [Logic Signal] ----> Pin 4 (Control) | [Ground] ----> Pin 3 (GND) | [Output 12V] <---- Pin 2 (Vout) | [Capacitor 47uF to GND] ``` --- ### Common Use Cases * **Standby Power Supplies:** In TVs or monitors where the device needs to sleep but wake up quickly via a logic signal. * **Battery Powered Devices:** To minimize power consumption by shutting down specific circuits when not in use. * **Consumer Electronics:** Providing stable power to audio/video processing chips.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage I can safely apply to the Control Pin (Pin 4)?
    • ⤷ How does the dropout voltage of the 78R12 compare to the standard LM7812?
    • ⤷ What size heatsink is recommended for running this at the full 1A current?