전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 80010-R

  • AI
    The **80010-R** is a specific electronic component primarily identified as a **High-Frequency/Precision Current Transformer** or a specialized **Magnetic Inductor**, often manufactured by companies like *Pulse Electronics* or as part of a proprietary power supply assembly. Below is a breakdown of its technical characteristics and functions. --- ### 1. Technical Specifications The "R" suffix typically denotes **RoHS Compliance** (Restriction of Hazardous Substances), indicating the part is lead-free. | Feature | Description | | :--- | :--- | | **Component Type** | Current Sense Transformer / Toroidal Inductor | | **Turns Ratio** | Commonly 1:100 or 1:50 (depending on specific series) | | **Current Rating** | Typically 10A to 20A (Primary) | | **Frequency Range** | 50kHz to 500kHz | | **Isolation Voltage** | Usually rated for 500V to 1500V AC | | **Mounting Type** | Through-hole (THT) or Surface Mount (SMD) | --- ### 2. Key Internal Electronic Parts The 80010-R is a passive component consisting of several integrated elements: * **Ferrite Core:** A high-permeability manganese-zinc (MnZn) or nickel-zinc (NiZn) core designed to minimize eddy current losses at high frequencies. * **Primary Winding:** Often a single turn (or the wire passing through the center hole) that carries the load current. * **Secondary Winding:** Multiple turns of fine magnet wire wrapped around the core to step down the current for measurement. * **Encapsulation:** Usually housed in a UL94V-0 rated plastic casing or epoxy potting for environmental protection and insulation. --- ### 3. Applications and Use Cases This part is commonly found in power management circuits where monitoring the flow of electricity is critical. 1. **Switch Mode Power Supplies (SMPS):** Used to detect peak currents to prevent transformer saturation. 2. **Overload Protection:** Provides a signal to a microcontroller to shut down a system if the current exceeds safety limits. 3. **Digital Power Metering:** Converts high AC currents into a small, proportional voltage (across a burden resistor) for ADC sampling. 4. **Feedback Control:** Helps in maintaining constant current output in LED drivers or battery chargers. --- ### 4. Circuit Implementation When using the 80010-R, a **Burden Resistor ($R_b$)** is required on the secondary side. The output voltage ($V_{out}$) is calculated as: ```math V_{out} = (I_{primary} / N) \times R_b ``` *Where **N** is the number of secondary turns.*
    ✨ Follow-up Questions
    • ⤷ What is the exact turns ratio for the 80010-R variant you are using?
    • ⤷ How do I calculate the burden resistor value for a 5V ADC input?
    • ⤷ Are there equivalent drop-in replacements for this part from other manufacturers?