전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 804-R01

  • AI
    The **804-R01** is a high-precision, industrial-grade **Electrolytic Tilt Sensor** (Inclinometer) manufactured by The Fredericks Company. It is designed to measure angular displacement relative to gravity with extreme sensitivity. --- ### ## Technical Specifications The following table highlights the core electronic and physical characteristics of the 804-R01 sensor: | Feature | Specification | | :--- | :--- | | **Operating Range** | ±20° (Degrees) | | **Null Offset** | < 0.05° | | **Resolution** | < 0.001° | | **Repeatability** | ±0.005° | | **Operating Temperature** | -20°C to +50°C | | **Sensor Type** | Single-axis (Dual-electrode) | --- ### ### How the Electronic Parts Work The 804-R01 operates on the principle of **Electrolytic Fluid Resistance**. It consists of several key internal components: 1. **Glass Envelope:** A hermetically sealed glass housing that contains the internal elements. 2. **Conductive Fluid (Electrolyte):** A proprietary chemical liquid that partially fills the glass envelope. 3. **Electrodes:** Three pins (typically one center common and two outer) that make contact with the fluid. 4. **Excitation:** This sensor requires an **AC excitation voltage** (square wave) to prevent electrolysis (chemical breakdown) of the fluid. DC voltage should never be applied directly. **Functional Logic:** As the sensor tilts, the fluid covers more of one electrode and less of the other. This change in fluid coverage alters the electrical resistance between the center electrode and the outer electrodes. By measuring this differential resistance, the tilt angle can be calculated with high precision. --- ### ### Implementation Example To interface this sensor with a microcontroller (like an Arduino or STM32), you typically use a voltage divider circuit or a specialized signal conditioner to convert the AC resistance into a readable DC voltage. ```cpp // Pseudocode for basic tilt calculation logic float readTilt(int pinA, int pinB) { float valA = analogRead(pinA); float valB = analogRead(pinB); // Calculate the ratio of resistance float ratio = (valA - valB) / (valA + valB); // Map ratio to degrees based on calibration data float angle = ratio * SENSITIVITY_CONSTANT; return angle; } ``` --- ### ### Key Applications * **Construction Lasers:** Ensuring leveling for grading and foundation work. * **Geotechnical Monitoring:** Measuring structural shift in bridges or dams. * **Medical Equipment:** Precise positioning for X-ray or surgical tables. * **Aerospace:** Level sensing for navigational equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific excitation frequency requirements for the 804-R01?
    • ⤷ How do I calibrate this sensor for 0-degree horizontal alignment?
    • ⤷ What are the advantages of electrolytic sensors over MEMS accelerometers?