전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 8111-R

  • AI
    The **8111-R** typically refers to a high-performance **PCI Express (PCIe) Gigabit Ethernet Controller**, most commonly manufactured by **Realtek** (part of the RTL8111 series). It is widely used in motherboards, network interface cards (NICs), and embedded systems to provide high-speed wired internet connectivity. --- ### 1. Key Technical Specifications The following table outlines the primary hardware capabilities of the 8111-R chipset: | Feature | Specification | | :--- | :--- | | **Interface** | PCIe 1.1 (or higher) x1 Lane | | **Data Rate** | 10/100/1000 Mbps (Triple Speed) | | **Standard Compliance** | IEEE 802.3, 802.3u, 802.3ab | | **Power Management** | ACPI, Wake-on-LAN (WoL), PCIe L1.1/L1.2 | | **Flow Control** | IEEE 802.3x Full Duplex | | **Packaging** | 46-pin QFN (Quad Flat No-lead) | --- ### 2. Major Electronic Subsystems The 8111-R is a highly integrated "System-on-Chip" for networking. Its architecture includes: #### A. The Physical Layer (PHY) This section handles the conversion between digital data and electrical signals that travel over the copper Ethernet cable (Cat5e/Cat6). It performs: * **Auto-Negotiation:** Automatically detecting the speed of the connected switch/router. * **Crossover Detection:** (Auto-MDIX) correcting for straight-through or crossover cables. #### B. Media Access Controller (MAC) The MAC acts as the bridge between the PCIe bus and the PHY. It manages: * **Packet Filtering:** Identifying frames intended for the specific device. * **Error Checking:** Using Cyclic Redundancy Checks (CRC) to ensure data integrity. #### C. Power Management Unit (PMU) Modern 8111-R variants include advanced power-saving features: * **Green Ethernet:** Reduces power consumption based on cable length and link status. * **Deep Slumber Mode:** Minimizes power draw when the network cable is unplugged. --- ### 3. Pinout and Integration When integrating an 8111-R into a circuit board design, engineers must account for several critical components: * **Magnetics (Transformer):** The chip cannot be connected directly to an RJ45 port; it requires an isolation transformer to protect the silicon from voltage spikes. * **Crystal Oscillator:** Usually requires a **25MHz** crystal to provide the timing clock for data transmission. * **EEPROM Interface:** Often uses an external SPI or 93C46/56/66 EEPROM to store the unique MAC address and configuration settings. --- ### 4. Software and Drivers Because the Realtek 8111-R is a standard-compliant PCIe device, it is supported by almost all modern operating systems: * **Windows:** Drivers are usually pre-installed or available via Windows Update. * **Linux:** Supported by the `r8169` or `r8168` kernel modules. * **FreeBSD/macOS:** Generally supported through generic Realtek driver packages.
    ✨ Follow-up Questions
    • ⤷What is the difference between the RTL8111-R and the RTL8111-G?
    • ⤷ How do I troubleshoot a 'Code 10' error for this chip in Windows?
    • ⤷ What are the requirements for the isolation transformer used with this controller?