전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 8123-AF5-D-R

  • AI
    The **8123-AF5-D-R** is a specific part number typically associated with a **Voltage Detector IC** (Integrated Circuit), manufactured by UTC (Unisonic Technologies Co., Ltd). These devices are commonly used for power supply monitoring and reset signal generation. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics and physical packaging. | Feature | Specification | | :--- | :--- | | **Device Type** | Voltage Detector / Reset IC | | **Detection Voltage** | 2.3V (Typical) | | **Output Type** | Open Drain (N-Channel) | | **Package Type** | SOT-25 (also known as SOT-23-5) | | **Operating Temperature** | -40°C to +85°C | | **Supply Current** | Very Low (approx. 0.7µA to 1.0µA) | --- ## 2. Part Number Breakdown Understanding the suffix codes helps in identifying the exact variant: * **8123**: The base series, indicating a 2.3V threshold. * **AF5**: Refers to the **SOT-25** package type. * **D**: Indicates the **Open Drain** output configuration (requires an external pull-up resistor). * **R**: Indicates **Tape and Reel** packaging for automated assembly. --- ## 3. Functionality and Application The primary job of this IC is to monitor a voltage rail (usually a battery or a regulated power line) and trigger a logic signal if that voltage drops below a certain threshold. ### Key Functions: * **Undervoltage Monitoring:** Prevents a microcontroller from operating in an "unstable" voltage range. * **System Reset:** Provides a clean "Power-On Reset" (POR) signal to CPUs and DSPs. ### Typical Wiring Diagram: Since this is an Open Drain type (**D**), it requires a pull-up resistor to the VCC line. ```text VCC (Power Source) | [Resistor] | +------- Reset Out (to MCU) | [ 8123-AF5-D-R ] | GND ``` --- ## 4. Pros and Cons | Advantages | Disadvantages | | :--- | :--- | | Extremely low power consumption. | Requires external resistor for logic high. | | High precision detection (±2%). | Fixed threshold (not adjustable). | | Small footprint (SOT-25). | | ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative packages for the 8123 series?
    • ⤷ How does an Open Drain output differ from a Push-Pull output in voltage detectors?
    • ⤷ Can this IC be used for battery level indication?