전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 8125-AF5-D-R

  • AI
    The **8125-AF5-D-R** is an integrated circuit (IC) primarily used as a **Microprocessor Reset Circuit** or **Voltage Detector**. It is designed to monitor power supply levels in digital systems and provide a reset signal to a processor if the voltage drops below a safe threshold. --- ### 1. Technical Specifications The part number typically follows a specific nomenclature used by manufacturers like **UTC (Unisonic Technologies)**. Below are the standard specifications for this component: | Parameter | Specification | | :--- | :--- | | **Function** | Voltage Detector / Reset IC | | **Detection Voltage** | 2.5V (indicated by '25') | | **Output Type** | Open Drain (indicated by 'D') | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **Accuracy** | ±2.0% | | **Operating Current** | Low Power Consumption (approx. 0.7μA - 1.0μA) | | **Packing Type** | Tape & Reel (indicated by 'R') | --- ### 2. Pin Configuration (SOT-25) In a standard AF5 (SOT-25) package, the pins are generally assigned as follows: 1. **VOUT**: Reset Output signal. 2. **VDD**: Power supply input and voltage monitoring pin. 3. **VSS**: Ground. 4. **NC/CD**: No connection or Delay Capacitor (depending on specific sub-variant). 5. **NC**: No internal connection. --- ### 3. Functional Description The **8125-AF5-D-R** operates as a watchdog for system stability: * **Under-voltage Monitoring:** It constantly checks the `VDD` pin. If the voltage falls below the detection threshold (2.5V), the `VOUT` pin goes **LOW**. * **Hysteresis:** To prevent "chattering" (rapid switching) when the voltage is right at the threshold, the device includes a small amount of built-in hysteresis. * **Open Drain Output:** Because it is a "D" (Open Drain) type, it requires an external **pull-up resistor** to the desired logic voltage level. This allows for level-shifting between different logic families. --- ### 4. Common Applications * Microprocessor and Microcontroller reset circuitry. * Battery-powered equipment (due to ultra-low current consumption). * Storage systems (Hard Drives/SSDs) to prevent data corruption during power loss. * Portable communication devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Open Drain and CMOS output in reset ICs?
    • ⤷ How do I calculate the required pull-up resistor value for the VOUT pin?
    • ⤷ Does this IC support an external delay capacitor for the reset signal?