전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 828362

  • AI
    The part number **828362** most commonly refers to a specific series of **Wire-to-Board Receptacle Housings** manufactured by **TE Connectivity (formerly AMP)**. These components are foundational in the automotive and industrial sectors for creating secure electrical connections between wiring harnesses and printed circuit boards (PCBs). --- ## 1. Technical Specifications Below are the general technical characteristics for the 828362 series: | Feature | Specification | | :--- | :--- | | **Product Type** | Receptacle Housing | | **Connector System** | Wire-to-Board / Wire-to-Device | | **Number of Positions** | Variable (Commonly 2, 3, or 4 depending on sub-dash number) | | **Centerline (Pitch)** | 2.5 mm [.098 in] | | **Sealable** | No (Usually non-sealed) | | **Material** | PBT (Polybutylene Terephthalate) or PA66 | | **Operating Temperature** | -40°C to +105°C | --- ## 2. Key Features * **Polarization:** The housing is designed with physical keys to ensure it can only be plugged into the mating header in the correct orientation. * **Locking Mechanism:** Includes an integrated latching system (locking ramp) to prevent accidental disconnection due to vibration. * **Crimp Termination:** It is designed to house female crimp contacts (sockets) which are crimped onto wires and then snapped into the plastic housing. * **Compact Design:** The 2.5mm pitch makes it suitable for applications where space is limited. --- ## 3. Common Applications Due to its durability and standardized design, the 828362 series is used in: 1. **Automotive:** Internal dashboard wiring, sensor connections, and lighting modules. 2. **Industrial Controls:** Signal transmission in PLC units and control panels. 3. **Consumer Electronics:** Power supply connections in large appliances (white goods). --- ## 4. Part Number Variations When ordering this part, you will often see a suffix (e.g., `828362-1`). These suffixes usually denote: * **Color:** (e.g., -1 might be Natural/White, -2 might be Black). * **Material Rating:** UL94-V0 vs. UL94-V2 flammability ratings. * **Packaging:** Bulk vs. tape-and-reel.
    ✨ Follow-up Questions
    • ⤷ What are the compatible crimp contact part numbers for the 828362 housing?
    • ⤷ Does this connector series have a waterproof (IP-rated) version?
    • ⤷ What is the maximum current rating (Amps) for this connector?