AI

The **8502SCO2V01S** (often referred to with the suffix V01) is a specific configuration of a **NEMA Type Magnetic Contactor** manufactured by Schneider Electric under the Square D brand. It is primarily used for switching power to electric motors or large resistive loads.
Below is the breakdown of its electronic and electromechanical components.
---
### 1. Key Technical Specifications
This device is a non-reversing, open-style contactor.
| Component | Specification |
| :--- | :--- |
| **NEMA Size** | Size 1 |
| **Poles** | 3-Pole (3-Phase) |
| **Continuous Current Rating** | 27 Amperes |
| **Voltage Rating** | 600V AC (Maximum) |
| **Control Coil Voltage** | 24V AC @ 60Hz (indicated by the **V01** code) |
| **Enclosure Type** | Open (No external box) |
---
### 2. Detailed Electronic & Physical Components
#### A. The Magnetic Coil (The "Brain")
The suffix **V01** is the voltage code. In this model:
* **Voltage:** 24V AC.
* **Function:** When 24V is applied to the coil terminals, it creates an electromagnetic field that pulls the armature down, closing the high-power contacts.
* **Encapsulation:** Square D coils are typically pressure-molded to resist moisture and physical damage.
#### B. Power Contacts
* **Material:** Usually silver-cadmium oxide or similar alloys designed for high conductivity and resistance to "welding" during high-current arcing.
* **Configuration:** Three normally open (N.O.) poles. When the coil is energized, these connect the line power (L1, L2, L3) to the load (T1, T2, T3).
#### C. Arc Suppressors & Chutes
Because breaking a 27A motor load creates an electrical arc, the contactor includes arc chutes that divide and extinguish the arc quickly to prevent the contacts from melting.
#### D. Auxiliary Contact (The "S" Suffix)
The **"S"** in the part number indicates a specific auxiliary contact configuration:
* **Function:** This is a smaller, low-current switch used for signaling (e.g., turning on an indicator light or sending a signal to a PLC) to confirm the contactor has successfully closed.
---
### 3. Application Use-Case
The 8502SCO2V01S is typically used in industrial motor control centers (MCC). Because it has a **24V AC coil**, it is often interfaced directly with:
1. **Step-down Transformers:** Converting 480V/240V line power down to 24V for safer control wiring.
2. **PLCs:** Programmable Logic Controllers that output 24V AC to trigger heavy machinery.
---
### 4. Comparison: Contactors vs. Starters
| Feature | 8502SCO2V01S (Contactor) | 8536 Series (Starter) |
| :--- | :--- | :--- |
| **Switching** | Yes | Yes |
| **Overload Protection** | No | Yes (includes thermal relays) |
| **Primary Use** | Resistive loads/Lighting/PLC control | Dedicated Motor protection |
- ⤷
What is the difference between the V01 and V02 coil codes for this series?
- ⤷ How do I wire the auxiliary contact for a status feedback loop?
- ⤷ Can this contactor be used for DC motor applications?