8502SCO2V03
AI

The **8502SCO2V03** is a specific model of a NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. These devices are industrial-grade switches used to control electrical power to a load, typically motors or heating elements.
---
### 1. Key Technical Specifications
Below is a breakdown of the electronic and mechanical characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Non-Reversing Magnetic Contactor |
| **NEMA Size** | Size 1 |
| **Continuous Current Rating** | 27 Amperes |
| **Number of Poles** | 3-Pole (3-Phase) |
| **Control Circuit Voltage** | 240V AC @ 60 Hz / 220V AC @ 50 Hz |
| **Enclosure Type** | Open (No metal box/cover included) |
| **Horsepower Rating (230V)** | 7.5 HP |
| **Horsepower Rating (460/575V)** | 10 HP |
---
### 2. Electronic Component Breakdown
The 8502SCO2V03 consists of several critical sub-assemblies that work together:
#### A. The Electromagnetic Coil (V03)
The suffix **V03** denotes the voltage rating of the internal coil.
* **Function:** When 240V AC is applied to the coil terminals, it creates a magnetic field.
* **Operation:** This field pulls the armature down, closing the high-power contacts.
#### B. Power Contacts
* **Material:** Usually silver-cadmium oxide alloy to resist "welding" and arcing.
* **Configuration:** 3 normally open (NO) poles designed to handle high-inrush currents from industrial motors.
#### C. Arc Suppressors / Chutes
* Located around the contacts to quickly extinguish the electrical arc formed when the contacts open or close under load, extending the lifespan of the device.
---
### 3. Wiring and Application
Because this is an **8502** series device, it is a **contactor only**. It does not include integral overload protection (which would make it an 8536 series "starter").
* **Application:** Often used in HVAC systems, pump controls, and lighting circuits where a remote signal must switch a high-current load.
* **Mounting:** Designed for panel mounting within a larger control cabinet.
---
### 4. Part Number Nomenclature
Understanding the code helps in identifying replacement parts:
* **8502:** Type (NEMA Contactor)
* **S:** Model Series
* **C:** NEMA Size 1 (27A)
* **O:** Open Type (No enclosure)
* **2:** 3-Pole configuration
* **V03:** 240V AC 60Hz / 220V AC 50Hz Coil
---
- ⤷What is the difference between this contactor and a motor starter?
- ⤷ Can the coil in the 8502SCO2V03 be replaced with a 120V version?
- ⤷ How do I wire a remote start/stop button to this device?