8502SCO2V08S_V01
AI

The **8502SCO2V08S_V01** is a specific configuration of a NEMA-rated magnetic contactor from the Square D (Schneider Electric) Type S line. These devices are used primarily for switching power to electric motors or other heavy industrial loads.
---
## 1. Part Number Breakdown
Understanding the electronic and mechanical composition requires dissecting the model code:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Product Type** | 8502 | NEMA Magnetic Contactor (Non-reversing) |
| **Size** | S | NEMA Size 1 (Rated for approx. 27A / 7.5-10 HP) |
| **Type** | CO | Open style (No enclosure) |
| **Poles** | 2 | 2-Pole configuration |
| **Voltage Code** | V08 | 208V AC, 60Hz control circuit voltage |
| **Modification** | S | Separate control circuit (Isolated coil supply) |
| **Version** | V01 | Specific manufacturing revision or factory-set minor modification |
---
## 2. Key Electronic Components
### A. The Electromagnetic Coil (V08)
This is the "brain" of the device. When 208V AC is applied to the coil terminals:
* It creates a magnetic field that pulls the movable armature toward the stationary core.
* **V08 Rating:** Specifically designed for 208V systems, common in North American industrial settings.
* **Separate Control (S):** This indicates the coil is wired to be powered by a source other than the main power lines (e.g., from a control transformer).
### B. Power Contacts
The device features heavy-duty silver-cadmium oxide contacts designed to withstand the "inrush" current of motors.
* **NEMA Size 1:** Capable of handling continuous current up to 27 Amperes.
* **2-Pole:** Designed to break two lines of a circuit (typically used for single-phase or specific DC applications).
### C. Mechanical Actuator
The armature assembly links the electromagnetic movement to the physical opening and closing of the contacts. It includes high-tension springs to ensure rapid "breaking" of the arc when power is removed, preventing contact welding.
---
## 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Amperage Rating** | 27A (Continuous) |
| **Control Voltage** | 208V AC @ 60 Hz |
| **Mounting** | Surface / Panel Mount |
| **Configuration** | Open (Must be installed in a cabinet) |
| **Standard** | NEMA ICS 2, UL Listed, CSA Certified |
---
## 4. Typical Applications
* **Motor Control:** Direct-on-line (DOL) starting for single-phase motors.
* **Lighting Loads:** Controlling large banks of high-intensity discharge (HID) or LED lighting.
* **Heating Elements:** Switching industrial resistive heaters in ovens or furnaces.
- ⤷
What is the difference between a NEMA Size 1 and Size 0 contactor?
- ⤷ Can this contactor be used with a 24V control circuit if the coil is swapped?
- ⤷ What are the advantages of using a 'Separate Control' (S) modification?