전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 8502SDO2V01S

  • AI
    The **8502SDO2V01S** is a specific model of a NEMA-rated magnetic contactor manufactured by Schneider Electric under the Square D brand. It is primarily used for controlling electric motors or switching resistive loads in industrial environments. ### 1. Key Technical Specifications Below are the core technical attributes of this specific part number: | Specification | Details | | :--- | :--- | | **Manufacturer** | Square D (Schneider Electric) | | **Product Type** | NEMA Magnetic Contactor | | **NEMA Size** | Size 2 | | **Current Rating** | 45 Amperes (Continuous) | | **Pole Configuration** | 3-Pole (3-Phase) | | **Coil Voltage** | 24V AC @ 60 Hz | | **Enclosure Type** | Open (No physical outer box) | | **Auxiliary Contacts** | Separate Control Circuit (Non-reversing) | --- ### 2. Breakdown of the Part Number The alphanumeric code describes the exact configuration of the device: * **8502**: Designates a Type S Magnetic Contactor (used for switching power). * **S**: Refers to the physical frame style (Type S). * **D**: Identifies the NEMA Size (Size 2, rated for higher horsepower/current than Size 0 or 1). * **O**: Indicates an "Open" enclosure type (intended for mounting inside a larger control panel). * **2**: Specifies a 3-Pole configuration. * **V01S**: This suffix defines the **Coil Voltage** and special features. * **V01**: 24V AC, 60 Hz coil. * **S**: Indicates a separate control circuit (often used when the coil is powered by a different source than the main load). --- ### 3. Core Electronic/Mechanical Components The device operates using electromagnetic induction. Here is how the internal parts function: #### A. The Magnetic Coil (The "Heart") The `V01` coil is an electromagnetic winding. When 24V AC is applied, it creates a magnetic field that pulls the armature down to close the high-power contacts. #### B. Power Contacts Made of high-conductivity silver-cadmium oxide alloy. These are designed to handle the 45A "inrush" current of industrial motors without welding shut or corroding prematurely. #### C. Arc Suppressors/Chutes As a Size 2 contactor, it contains internal structures to extinguish the electrical arc that occurs when the contacts open under load, preventing damage to the device. #### D. The Stationary and Movable Armature A "E-shaped" laminate of iron. The stationary part is fixed to the base, and the movable part is attached to the contact carrier. --- ### 4. Typical Applications * **Motor Control:** Starting and stopping 3-phase motors (up to 25 HP at 460V). * **Lighting Loads:** Controlling large banks of industrial high-intensity discharge (HID) lighting. * **Heating Elements:** Switching heavy resistive loads in industrial furnaces. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 8502 contactor and an 8536 starter?
    • ⤷ Can the coil on this unit be replaced with a different voltage coil?
    • ⤷ What are the mounting requirements for an 'Open' type contactor?