전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 8502SDO2V02SX11

  • AI
    The **8502SDO2V02SX11** is a specific model of a NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. This device is primarily used for switching power to electric motors or other high-current industrial loads. --- ### 1. Technical Specifications Breakdown The part number provides a detailed map of its electronic and physical characteristics: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **8502** | Product Type | NEMA Magnetic Contactor | | **S** | Device Series | Type S series (modular industrial design) | | **D** | Physical Size | NEMA Size 2 (Rated for ~45 Amperes) | | **O2** | Poles | 2-Pole configuration (typically for single-phase or DC) | | **V02** | Coil Voltage | 120V AC, 60Hz / 110V AC, 50Hz | | **SX11** | Special Features | Custom modification code (often involves auxiliary contacts) | --- ### 2. Key Electronic Components The unit consists of several critical electronic and electromechanical sub-assemblies: #### A. The Electromagnetic Coil (V02) This is the "brain" of the contactor. When 120V AC is applied to terminals A1 and A2, the coil generates a magnetic field. * **Function:** Pulls the armature down to close the power contacts. * **Rating:** Optimized for standard 120V control circuits. #### B. Power Contacts (NEMA Size 2) These are the heavy-duty copper/silver alloy points that actually carry the load current. * **Amperage:** Rated for up to 45A continuous current. * **Durability:** Designed to handle high inrush currents (LRA - Locked Rotor Amps) typical of starting electric motors. #### C. Auxiliary Contacts (SX11) The "SX11" suffix usually indicates the inclusion of internal auxiliary switches. * **Configuration:** Typically 1 NO (Normally Open) and 1 NC (Normally Closed) contact. * **Purpose:** Used for low-current signaling (e.g., turning on an indicator light or sending a "running" signal to a PLC). --- ### 3. Application Use-Case Because this is a **2-pole** device (O2), it is commonly used in: 1. **Single-Phase Motors:** Switching both legs of a 240V circuit or the hot/neutral of a 120V circuit. 2. **Heating Elements:** Controlling resistive loads in industrial ovens. 3. **Lighting Panels:** Managing large banks of high-intensity discharge (HID) lighting. --- ### 4. Wiring Diagram (Simplified) ```mermaid graph TD A[120V Control Signal] --> B[Coil A1/A2] B --> C{Magnet Energizes} C --> D[Main Contacts Close] D --> E[Power Flows to Motor/Load] C --> F[Aux Contacts Change State] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum horsepower rating for a NEMA Size 2 contactor at 230V?
    • ⤷ How do I replace the V02 coil if it burns out?
    • ⤷ What is the difference between a NEMA rated contactor and an IEC rated contactor?