전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 8502SDO2V07X11

  • AI
    The **8502SDO2V07X11** is a specific part number for a NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. This device is an electromechanical switch used primarily for controlling electric motors or heavy inductive loads. Below is a breakdown of the electronic and mechanical components based on the model code. --- ### 1. Technical Specifications Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Product Type** | Magnetic Contactor | Non-reversing power switch | | **NEMA Size** | Size 2 | Rated for higher current/horsepower than Size 0 or 1 | | **Ampere Rating** | 45 Amps | Continuous current carrying capacity | | **Pole Configuration** | 3-Pole | Designed for 3-phase AC systems | | **Coil Voltage** | 550V/600V AC | The "V07" suffix indicates the control voltage | | **Enclosure Type** | Open | No protective box (intended for panel mounting) | | **Auxiliary Contacts** | 1 NO / 1 NC | Extra contacts for signaling or interlocking | --- ### 2. Component Analysis (Part Number Deciphering) The part number follows a specific nomenclature used by Square D (Schneider Electric): * **8502**: Represents the Type S Magnetic Contactor series (non-reversing). * **S**: Indicates a "Size" designation follows. * **D**: Identifies the NEMA Size 2 (45A rating). * **O**: Indicates "Open" type (no enclosure). * **2**: Number of poles (often used for 3-pole configurations in this series, but check wiring diagram). * **V07**: Specifies the **Control Coil Voltage**. In this case, it is 600V AC at 60Hz or 550V AC at 50Hz. * **X11**: A modification code indicating the inclusion of **one normally open (NO) and one normally closed (NC)** auxiliary contact. --- ### 3. Key Electronic Sub-assemblies #### A. The Magnetic Coil (The "Brain") The **V07** coil is an electromagnetic solenoid. When 600V AC is applied to the coil terminals, it creates a magnetic field that pulls the internal armature down, closing the high-power contacts. #### B. Power Contacts These are heavy-duty silver alloy points designed to withstand the "arcing" that occurs when high-current motors are started. In a Size 2 unit, these are robust enough to handle roughly 25 HP at 460V. #### C. Auxiliary Contacts (X11) These are lower-current switches attached to the side of the main contactor. They are used for: * **Status feedback:** Telling a PLC if the motor is on or off. * **Interlocking:** Preventing other equipment from starting unless this contactor is active. --- ### 4. Typical Applications * **Industrial Motor Control:** Starting and stopping 3-phase motors in manufacturing. * **Heating Loads:** Controlling large resistive bank heaters. * **Lighting Control:** Switching large blocks of industrial HID or LED lighting.
    ✨ Follow-up Questions
    • ⤷ What is the maximum horsepower rating for a NEMA Size 2 contactor at 480V?
    • ⤷ Can the V07 coil be swapped for a 120V coil if the control circuit changes?
    • ⤷ What is the difference between an 8502 and an 8536 model?