전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 88C13-AF5-R

  • AI
    The **88C13-AF5-R** is a specific electronic component, typically categorized as a **Voltage Detector** or **Reset IC**. These parts are commonly used in power management to monitor voltage levels and provide a reset signal to microprocessors when the voltage drops below a safe threshold. --- ### Technical Specifications The part number follows a specific nomenclature used by manufacturers like **UTC (Unisonic Technologies)**. Below are the typical technical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Voltage Detector | | **Detection Voltage** | 1.3V (indicated by '13' in the part number) | | **Output Configuration** | Push-Pull (Active Low) | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **Accuracy** | ±2% | | **RoHS Status** | Halogen Free / Lead Free (indicated by 'R') | --- ### Key Features 1. **Low Power Consumption**: Designed for battery-operated devices, typically drawing less than 1.0µA. 2. **Fixed Threshold**: The 1.3V detection threshold is internally fixed, eliminating the need for external resistors. 3. **High Stability**: Built-in temperature compensation ensures the threshold remains stable across operating conditions. 4. **Hysteresis**: Includes internal hysteresis (usually around 5%) to prevent "chattering" or rapid switching when the voltage stays near the threshold. --- ### Pin Configuration (Typical SOT-25) In a standard SOT-25 package for this IC, the pins are generally assigned as follows: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **VOUT** | Output Signal (Reset) | | 2 | **VDD** | Power Supply / Voltage Sense | | 3 | **VSS** | Ground | | 4 | **NC** | No Connection | | 5 | **NC** | No Connection | --- ### Common Applications * **Microprocessor Reset**: Ensuring a CPU does not start executing code until the power supply is stable. * **Battery Life Monitoring**: Alerting a system when a battery is nearly depleted. * **System Power Sequencing**: Triggering different parts of a circuit to turn on in a specific order. --- ### Example Circuit Logic The following logic describes how the `88C13-AF5-R` interacts with a system: ```c // Pseudo-logic for the IC behavior if (VDD < 1.3V) { VOUT = LOW; // System is held in RESET state } else if (VDD > 1.3V + Hysteresis) { VOUT = HIGH; // System is allowed to RUN } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Push-Pull and Open-Drain outputs in reset ICs?
    • ⤷ How does the hysteresis feature prevent circuit instability?
    • ⤷ Can this IC be used with a 3.3V system if the threshold is 1.3V?