전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 88C50-AF5-R

  • AI
    The **88C50-AF5-R** is a specific integrated circuit, most commonly identified as a **Low Dropout (LDO) Voltage Regulator**. It is widely used in power management circuits to provide a stable 5.0V output from a higher, fluctuating input voltage. --- ### 1. Technical Specifications The following table summarizes the key electrical characteristics of the 88C50-AF5-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Output Voltage** | 5.0 V | Fixed output version | | **Package Type** | SOT-25 / SOT-23-5 | Small Outline Transistor (5-pin) | | **Dropout Voltage** | ~300mV - 500mV | Low overhead required to maintain regulation | | **Output Current** | 300mA - 500mA | Varies slightly by manufacturer (e.g., UTC) | | **Quiescent Current** | Low (Micro-amps) | Ideal for battery-powered devices | | **RoHS Status** | Compliant (R) | Lead-free and environmentally friendly | --- ### 2. Pin Configuration (SOT-25/SOT-23-5) The device typically uses a standard 5-pin layout. While you should always verify with the specific datasheet, the common pinout is: 1. **VIN**: Input Voltage Supply. 2. **GND**: Ground Reference. 3. **EN / CE**: Enable/Chip Enable (High = On, Low = Off). 4. **NC / ADJ**: No connection (for fixed versions) or Feed-back. 5. **VOUT**: Regulated 5.0V Output. --- ### 3. Key Features and Applications The "88C50" series is favored in modern electronics for several reasons: * **Low Noise:** Provides a clean power rail for sensitive analog components. * **Protection Circuits:** Usually includes thermal shutdown and current limiting to prevent damage during a short circuit. * **Small Footprint:** The SOT-25 package saves significant PCB space. #### Common Applications: * **Battery Powered Equipment:** Cameras, handheld scanners, and IoT sensors. * **Post-Regulation:** Cleaning up noisy power coming from a Switching Mode Power Supply (SMPS). * **Microcontrollers:** Providing a steady 5V supply to MCUs and logic gates. --- ### 4. Part Number Breakdown The suffixing often follows this logic: * **88C50**: The base model and voltage (5.0V). * **AF5**: Refers to the package type (SOT-25). * **R**: Indicates "Tape & Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage allowed for the 88C50-AF5-R?
    • ⤷ Can this regulator be used for an output of 3.3V instead of 5V?
    • ⤷ What is the recommended capacitor value for the VOUT pin to ensure stability?