전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 88C52L-AF5-R

  • AI
    The **88C52L-AF5-R** is a specific integrated circuit, typically identifying a low-dropout (LDO) linear voltage regulator or a specific microcontroller variant depending on the manufacturer (most commonly associated with UTC - Unisonic Technologies). Below is a detailed breakdown of its electronic characteristics, focusing on the standard LDO regulator specifications for this part number. --- ## 1. Technical Specifications The "88C52" series generally refers to a high-accuracy, low-dropout voltage regulator. | Parameter | Specification (Typical) | | :--- | :--- | | **Output Voltage** | 5.2V (Fixed) | | **Input Voltage Range** | Up to 12V - 15V (Max) | | **Output Current** | 300mA to 500mA | | **Dropout Voltage** | ~300mV @ 100mA | | **Quiescent Current** | ~50µA | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-25 / SOT-23-5 (AF5 suffix) | --- ## 2. Part Number Breakdown Understanding the suffix codes is crucial for sourcing the correct component: * **88C**: Device family (Voltage Regulator). * **52**: Represents the output voltage (5.2 Volts). * **L**: Lead-free / RoHS compliant. * **AF5**: Package code (SOT-25 / SOT-23-5). * **R**: Tape and Reel (Shipping method). --- ## 3. Key Electronic Features * **Low Dropout (LDO):** It can maintain a stable 5.2V output even when the input voltage is only slightly higher than the output (e.g., 5.5V in). * **Thermal Shutdown:** Includes internal circuitry to turn off the device if it exceeds safe operating temperatures. * **Current Limiting:** Protects the IC and the load from short circuits or over-current conditions. * **Stability:** Designed to be stable with low-ESR ceramic capacitors, reducing the overall PCB footprint. --- ## 4. Typical Application Circuit To use this part in a circuit, standard decoupling capacitors are required: ```text Input Voltage (e.g. 6V) │ ┌─────┴─────┐ │ [ IN ] │ │ │ Output Voltage (5.2V) │ 88C52L ├───────┬────────> │ │ │ │ [OUT] │ [C_out] 10uF │ │ │ │ [GND] │ GND └─────┬─────┘ │ GND ``` --- ## 5. Applications * **Battery-powered devices:** Where efficiency and low standby current are critical. * **Microcontroller Power:** Providing a stable rail for 5V-tolerant MCUs. * **Communication Equipment:** Noise-sensitive RF circuits requiring a clean voltage supply.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the 88C52L-AF5-R?
    • ⤷ Can this regulator be used for 5V logic circuits despite the 5.2V output?
    • ⤷ What are the pinout assignments for the SOT-25 package?