8HDD62PBY99R30X
AI

The part number **8HDD62PBY99R30X** refers to a specific configuration of a high-density, sub-miniature D-Sub connector, typically manufactured by **Conec**. These components are widely used in aerospace, industrial automation, and telecommunications for space-saving signal transmissions.
---
### Component Breakdown
To understand the electronic properties, we can decode the typical nomenclature for this series:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **8** | Connector Series | Often denotes standard or high-density D-Sub lineage. |
| **HDD** | High Density D-Sub | 3 rows of pins instead of the standard 2. |
| **62** | Pin Count | This connector features **62 positions** (contacts). |
| **P** | Gender | **Plug** (Male) containing pins. |
| **BY** | Mounting/Termination | Usually indicates PC Tail or Solder Cup with specific hardware. |
| **99R30X** | Manufacturer Code | Specific plating (often gold), shell material, and packaging. |
---
### Technical Specifications
Based on the standard 62-pin High-Density D-Sub architecture, the typical electrical and mechanical specs are as follows:
#### 1. Electrical Characteristics
* **Current Rating:** 3A per contact.
* **Voltage Rating:** 250V AC/DC.
* **Contact Resistance:** $\leq$ 15 mΩ.
* **Insulation Resistance:** $\geq$ 5000 MΩ.
* **Dielectric Strength:** 1000V AC for 1 minute.
#### 2. Material Composition
* **Shell:** Steel, usually tin-plated or zinc-plated for EMI/RFI shielding.
* **Insulator:** Glass-filled thermoplastic (UL 94 V-0 rated).
* **Contacts:** Copper alloy with selective gold plating (the "30X" often signifies 30 micro-inches of gold for high durability).
#### 3. Physical Configuration
* **Shell Size:** Size 4 (Standard D-Sub footprint, but with high-density spacing).
* **Mating Cycle:** Rated for up to 500 matings (depending on plating thickness).
---
### Applications
These connectors are utilized in environments where high-density I/O is required without increasing the physical footprint of the interface:
1. **Industrial Controls:** Connecting PLC units to sensors.
2. **Video Interfacing:** High-resolution analog signal routing.
3. **Military/Aerospace:** Used in avionics due to the robust mechanical screw-locking mechanism.
---
- ⤷What is the exact pitch spacing for 62-pin high-density connectors?
- ⤷ Does this part number include mounting hardware like 4-40 spacers?
- ⤷ What is the recommended PCB footprint for the 'BY' termination style?