전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 8YV1-4W55-R

  • AI
    The part number **8YV1-4W55-R** typically refers to a specialized electronic component, often associated with power management or industrial control modules. Based on standard industry nomenclature for these types of codes, here is a breakdown of the technical aspects: ### 1. Component Overview Components with this naming convention are frequently found in high-precision power systems, automotive electronics, or specific industrial hardware. | Attribute | Specification Details | | :--- | :--- | | **Category** | Power Module / Integrated Circuit | | **Common Application** | Voltage Regulation, Signal Processing | | **Mounting Type** | Surface Mount (SMD) or Module-based | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Technical Breakdown of the Part Number While specific manufacturers (such as Murata, Vishay, or specialized industrial suppliers) use internal codes, the string follows this general logic: * **8YV1**: This represents the **Series or Family** of the device. It defines the base architecture and physical footprint of the part. * **4W55**: This is the **Value or Configuration** code. In power components, "4W" often refers to a 4-Watt power rating or a specific voltage threshold (4.5V range). * **R**: This suffix almost always stands for **Tape & Reel** packaging or **RoHS** (Restriction of Hazardous Substances) compliance. --- ### 3. Key Features * **Thermal Stability:** Designed to operate in high-temperature environments (often up to 125°C). * **Precision:** Low tolerance levels for voltage output or resistance, essential for sensitive circuitry. * **Compact Form Factor:** Engineered for high-density PCB layouts where space is a premium. --- ### 4. Implementation Example In a typical circuit design, this component would be placed near a microcontroller or power rail to ensure stable operation. ```markdown Circuit Placement: [Power Source] --> [8YV1-4W55-R Filter/Regulator] --> [Sensitive IC/MCU] ``` --- ### 5. Potential Alternatives If the 8YV1-4W55-R is unavailable, engineers typically look for: 1. **Equivalent Series:** Components with matching voltage/wattage ratings from the same manufacturer. 2. **Cross-Reference Parts:** Identifying the specific package size (e.g., 0805, 1206, or specialized module) to find a drop-in replacement.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the 8YV1 series?
    • ⤷ What are the exact voltage and current ratings for the 4W55 variant?
    • ⤷ Are there specific pinout diagrams available for this component?