전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 9-R1

  • AI
    Based on the context of common electronic component labeling and circuit design, **9-R1** (often seen as **R1** on a circuit board near a section labeled "9") typically refers to a **Resistor**. In electronic schematics and PCB (Printed Circuit Board) layouts, the letter "R" is the standard reference designator for resistors. --- ### 1. Breakdown of the Component Label | Part Segment | Meaning | Function | | :--- | :--- | :--- | | **R** | Reference Designator | Identifies the component type as a **Resistor**. | | **1** | Instance Number | Indicates this is the first resistor in that specific circuit block. | | **9-** | Section/Prefix | Often used in complex devices to denote "Block 9" or "Page 9" of the schematic. | ### 2. Physical Characteristics Depending on the device, "R1" could be one of two main types: * **SMD (Surface Mount Device):** Tiny rectangular chips soldered directly to the surface. They usually have a 3 or 4-digit code (e.g., `103` for 10k ohms) printed on top. * **Through-Hole:** Cylindrical components with wire leads. They use colored bands to indicate their resistance value and tolerance. ### 3. Common Functions of "R1" In many electronic designs, the component labeled **R1** serves one of these critical roles: 1. **Pull-up/Pull-down Resistor:** Ensures a digital pin is at a known state (High or Low) when no signal is present. 2. **Current Limiter:** Protects other components (like LEDs or Transistors) from receiving too much current. 3. **Voltage Divider:** Works with another resistor to scale down a high voltage to a lower, measurable level. 4. **Gate Resistor:** Used in power circuits to control the switching speed of a MOSFET. --- ### 4. Technical Specifications to Identify To replace or test this part, you would need to determine: * **Resistance:** Measured in Ohms (Ω). * **Tolerance:** The precision (e.g., ±1% or ±5%). * **Wattage:** The power rating (e.g., 1/4W, 1/8W) to ensure it doesn't overheat.
    ✨ Follow-up Questions
    • ⤷ How can I read the color bands on a through-hole resistor?
    • ⤷ What are the signs that a resistor like R1 has failed?
    • ⤷ How do I measure the resistance of R1 using a multimeter?