전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 92-R1

  • AI
    The **92-R1** is a high-performance, single-channel power controller (often categorized as a Solid State Relay or Power Controller) manufactured by **Chromalox**. It is designed for precise temperature control in industrial heating applications, typically handling resistive loads. ### Key Electronic Components and Specifications The 92-R1 operates using advanced power electronics to switch AC voltage to a heating element. Below is a breakdown of its primary electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | 4-20 mA or 0-10 VDC | Accepts standard analog control signals from a PID controller. | | **Output Type** | Phase Angle or Burst Fire | Determines how power is delivered to the load (smooth vs. pulsed). | | **Amperage Rating** | Up to 70 Amps | Capable of handling significant current for industrial heaters. | | **Voltage Range** | 120 - 600 VAC | Versatile compatibility with various industrial power grids. | | **Cooling** | Integrated Heatsink | Uses thermal dissipation to protect internal semiconductors. | --- ### Internal Electronic Architecture 1. **Thyristors (SCRs):** The "heart" of the 92-R1. It uses Silicon Controlled Rectifiers to switch power. SCRs are preferred over mechanical relays because they have no moving parts and can switch millions of times without wear. 2. **Firing Circuitry:** This internal logic board interprets the 4-20mA input signal and determines exactly when the SCRs should turn "on" during the AC sine wave cycle. 3. **Isolation Barrier:** The unit includes opto-isolation to keep the high-voltage load side electronically separated from the low-voltage control signal side for safety. 4. **DV/DT Protection:** Internal "snubber" circuits protect the electronic components from rapid voltage spikes or electrical noise on the line. ### Wiring Configuration Example Typical terminal connections for the 92-R1 are as follows: ```text Terminal 1: Line Voltage (L1) Terminal 2: Load Output (To Heater) Terminal 3: Control Signal (+) [4-20mA] Terminal 4: Control Signal (-) [Common] ``` --- ### Usage Considerations * **Heat Dissipation:** Because SCRs generate heat proportional to the current flow (roughly 1.2 watts per amp), the electronic health of the 92-R1 depends heavily on proper airflow around its fins. * **Fusing:** It is highly recommended to use **Fast-Acting (Semiconductor) Fuses**. Standard circuit breakers act too slowly to protect the internal SCRs from a short circuit.
    ✨ Follow-up Questions
    • What is the difference between Phase Angle and Burst Fire modes on the 92-R1?
    • How do I calculate the heat dissipation requirements for a 70A unit?
    • What are the common failure symptoms of a 92-R1 power controller?