전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 930-033-R

  • AI
    The **930-033-R** is a specific part number associated with a **Precision Coaxial Load (Termination)**, typically manufactured by companies like **Broadwave Technologies**. These components are essential in RF (Radio Frequency) and microwave engineering to terminate a transmission line with its characteristic impedance. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the 930-033-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | RF Coaxial Termination (Load) | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 3 GHz (typical for this series) | | **Connector Type** | BNC Male | | **Power Rating** | 0.5 Watts to 2 Watts (Average) | | **VSWR** | ≤ 1.15:1 to 1.25:1 (depending on frequency) | | **Finish/Housing** | Nickel-plated Brass or Stainless Steel | --- ### 2. Core Electronic Functions The 930-033-R performs three primary roles within a circuit: 1. **Impedance Matching:** It provides a resistive load that matches the characteristic impedance of the system (50 $\Omega$). This prevents signals from reflecting back toward the source. 2. **Signal Absorption:** It converts RF energy into a small amount of heat, effectively "absorbing" the signal at the end of a signal path. 3. **Circuit Protection:** By terminating unused ports on splitters, couplers, or switches, it prevents "ghosting" or signal interference caused by open ports. --- ### 3. Applications These parts are commonly found in the following environments: * **Laboratory Testing:** Terminating a port on an oscilloscope or network analyzer to ensure accurate measurements. * **Telecommunications:** Used in cellular base stations or radio broadcast equipment to terminate unused RF outputs. * **Video Systems:** Older SDI or analog video systems using BNC interfaces require 50-ohm or 75-ohm termination to maintain signal integrity. --- ### 4. Identification and Compliance The **"-R"** suffix in the part number usually indicates **RoHS Compliance**, meaning the part is manufactured without hazardous materials like lead or cadmium, meeting international environmental standards.
    ✨ Follow-up Questions
    • ⤷What is the difference between a 50-ohm and a 75-ohm BNC termination?
    • ⤷ How do I measure the VSWR of a coaxial load?
    • ⤷ What happens if the power input exceeds the 0.5W rating of this part?