전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 970-TX..-DSSLASH03

  • AI
    Based on the model number provided, the **970-TX..-DSSLASH03** refers to a high-performance, industrial-grade inductive proximity sensor, typically manufactured by companies like **Contrinex** or similar industrial automation brands. These devices are used for non-contact detection of metallic objects. Below is a breakdown of the electronic specifications and components typical for this series. --- ### 1. Technical Specifications The "DSSLASH03" suffix often denotes specific connector types or cable lengths (usually a 0.3m pigtail with an M12 connector). | Feature | Specification | | :--- | :--- | | **Housing Size** | M12 x 1 (Standard metric thread) | | **Mounting** | Quasi-flush or Non-flush (depending on exact model) | | **Sensing Distance** | 6mm to 10mm (Extended range series) | | **Output Type** | PNP or NPN (Normally Open) | | **Supply Voltage** | 10 ... 30 VDC | | **Switching Frequency** | Up to 1000 Hz | | **Connection Type** | Pur cable with M12 connector (0.3m) | --- ### 2. Internal Electronic Components The device is a solid-state electronic component comprised of several functional blocks: 1. **Oscillator:** Generates a high-frequency electromagnetic field that emanates from the sensing face. 2. **Schmitt Trigger:** Evaluates the amplitude changes in the oscillation. When a metal object enters the field, eddy currents are induced, dampening the oscillation. The trigger converts this analog change into a digital signal. 3. **Output Amplifier:** A transistor-based stage (PNP or NPN) that switches the load on or off. 4. **Protection Circuitry:** * **Short-circuit protection:** Prevents damage if the output is grounded. * **Reverse polarity protection:** Protects the sensor if the power wires are swapped. * **Induction protection:** Protects against voltage spikes from inductive loads. --- ### 3. Wiring Configuration Most "-DS" models utilize a standard 3-wire or 4-wire DC configuration. ```markdown Pin 1: Brown (+) -> +10...30 VDC Pin 2: White ( ) -> Not used or Complementary Output Pin 3: Blue (-) -> 0V / Ground Pin 4: Black (OUT) -> Switching Output (Signal) ``` --- ### 4. Application Use Cases * **Position Sensing:** Detecting the end-of-stroke for pneumatic cylinders. * **Counting:** High-speed counting of metallic parts on a conveyor. * **Speed Monitoring:** Detecting teeth on a gear to calculate RPM. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between PNP and NPN output types for this sensor?
    • ⤷ How do I calculate the correction factor for different metals like aluminum or brass?
    • ⤷ Can this sensor be used in high-temperature or wash-down environments?