970-TX..SLASH04
AI

Based on your query, it appears you are referring to the **970-TX/04**, which is a high-performance **Fiber Optic Transmitter** module, typically manufactured by companies like **VOS Systems** or associated with specific industrial video/data transmission systems.
These modules are designed to convert electrical signals (often video or data) into optical signals for long-distance transmission over fiber optic cables.
---
## ๐ ๏ธ Key Electronic Components & Specifications
The 970-TX/04 consists of several critical subsystems. Below is a breakdown of the electronic parts and their functions:
| Component Category | Description | Primary Function |
| :--- | :--- | :--- |
| **Laser Diode** | High-speed semiconductor light source. | Converts electrical pulses into light (Optical Output). |
| **BNC Connector** | 75 Ohm coaxial interface. | Receives the incoming analog/digital video signal. |
| **ST/FC Connector** | Optical interface housing. | Connects the module to the fiber optic patch cord. |
| **Voltage Regulator** | DC-DC internal circuitry. | Stabilizes power (usually 12VDC) for internal logic. |
| **Signal Driver IC** | Integrated circuit chipset. | Amplifies and conditions the input signal before modulation. |
---
## ๐ Technical Characteristics
The "/04" suffix often denotes specific channel configurations or wavelength variations. General specs for the 970-TX series include:
### 1. Transmission Media
* **Fiber Type:** Usually designed for **Single-mode** or **Multimode** fiber.
* **Wavelength:** Typically operates at **1310nm** or **1550nm**.
### 2. Signal Processing
* **Video Bandwidth:** Support for high-resolution analog video (NTSC, PAL, SECAM).
* **Distance:** Capable of transmitting signals over distances ranging from 2km to 60km (depending on the specific laser power).
### 3. Indicator LEDs
Most 970-TX modules feature diagnostic LEDs on the front panel:
* **Power LED:** Indicates the unit is receiving DC voltage.
* **Video/Data LED:** Flashes or stays solid to indicate an active input signal is detected.
---
## ๐ง Installation Pinout (Standard Example)
If you are wiring the power or data terminals, they usually follow this logic:
```yaml
Terminal Block:
- Pin 1: +12V DC (Power Input)
- Pin 2: Ground (GND)
- Pin 3: Case/Earth Ground
- Pin 4: Alarm Output (Optional)
```
---
- โคท
What is the specific input voltage required for the 970-TX/04?
- โคท Is this module compatible with single-mode or multi-mode fiber?
- โคท How do I troubleshoot a 'No Signal' LED on this device?